Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643AHIGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1643AHIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643AHIGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1643AHIGN Datasheet HTML 2Page - Linear Technology LTC1643AHIGN Datasheet HTML 3Page - Linear Technology LTC1643AHIGN Datasheet HTML 4Page - Linear Technology LTC1643AHIGN Datasheet HTML 5Page - Linear Technology LTC1643AHIGN Datasheet HTML 6Page - Linear Technology LTC1643AHIGN Datasheet HTML 7Page - Linear Technology LTC1643AHIGN Datasheet HTML 8Page - Linear Technology LTC1643AHIGN Datasheet HTML 9Page - Linear Technology LTC1643AHIGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
TYPICAL PERFORMANCE CHARACTERISTICS
VEE Current Foldback
vs Temperature
ISINK (mA)
0
6
10
1643A G27
24
8
800
700
600
500
400
300
200
100
0
FAULT
PWRGD
VOL vs ISINK (25°C)
TIMER (Pin 4): Analog Current Fault Inhibit Timing Input.
Connect a capacitor from TIMER to GND. With the chip
turned off (ON = GND or ON = High) or the internal circuit
breaker tripped (FAULT = GND), the TIMER pin is internally
held at GND. When the chip is turned on, a 22
µA pull-up
current source is connected to TIMER. Current limit faults
will be ignored until the voltage at the TIMER pin rises to
within 0.9V of 12VIN.
ON/ON (Pin 5): Digital Input.The LTC1643AL/LTC1643AL-1
have an active low enable, ON, and the LTC1643AH has an
active high enable, ON. When the ON pin is pulled high or
PIN FUNCTIONS
12VIN (Pin 1): 12V Supply Input. It powers all the chip’s
internal circuitry. A 0.5
Ω switch is connected between
12VIN and 12VOUT with a foldback current limit. An under-
voltage lockout circuit prevents the switches from turning
on while the 12VIN pin voltage is less than 9.5V typically.
VEEIN (Pin 2): – 12V Supply Input. A 1.2Ω switch is
connected between VEEIN and VEEOUT with a foldback
current limit.
3VOUT (Pin 3): Analog Input. Used to monitor the 3.3V
output supply voltage. The PWRGD signal cannot go high
until the 3VOUT pin exceeds 2.9V typically.
TEMPERATURE (
°C)
70
60
50
40
30
20
10
0
1643A G24
–50
25
75
–25
0
50
100
125
3VOUT = 3.3V
3VOUT = 0V
3VIN Foldback Current Limit
Voltage vs Temperature
TEMPERATURE (
°C)
–50
2.454
2.452
2.450
2.448
2.446
2.444
2.442
25
75
1643A G21
–25
0
50
100
125
3VIN Undervoltage Lockout
vs Temperature
TEMPERATURE (
°C)
70
60
50
40
30
20
10
0
1643A G23
–50
25
75
–25
0
50
100
125
5VOUT = 5V
5VOUT = 0V
5VIN Foldback Current Limit
Voltage vs Temperature
12V Current Foldback
vs Temperature
TEMPERATURE (
°C)
–50
1200
1000
800
600
400
200
0
25
75
1643A G26
–25
0
50
100
12VOUT = 12V
12VOUT = 0V
TEMPERATURE (
°C)
–50
600
500
400
300
200
100
0
25
75
1643A G25
–25
0
50
100
VEEOUT = –12V
VEEOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com