Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643AHIGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1643AHIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643AHIGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1643AHIGN Datasheet HTML 1Page - Linear Technology LTC1643AHIGN Datasheet HTML 2Page - Linear Technology LTC1643AHIGN Datasheet HTML 3Page - Linear Technology LTC1643AHIGN Datasheet HTML 4Page - Linear Technology LTC1643AHIGN Datasheet HTML 5Page - Linear Technology LTC1643AHIGN Datasheet HTML 6Page - Linear Technology LTC1643AHIGN Datasheet HTML 7Page - Linear Technology LTC1643AHIGN Datasheet HTML 8Page - Linear Technology LTC1643AHIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
15.50
15.25
15.00
14.75
14.50
14.25
14.00
25
75
1643A G13
–25
0
50
100
125
Circuit Breaker Trip Filter Time
vs Temperature
Timer Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.7
25
75
1643A G14
–25
0
50
100
125
V12VIN – VTIMER
12VIN Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
3.72
3.70
3.68
3.66
3.64
3.62
0
50
75
1643A G15
–25
25
100
125
VEEIN Supply Current
vs Temperature
5VIN Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
0.90
0.89
0.88
0.87
0.86
0.85
0.84
25
75
1643A G16
–25
0
50
100
125
TEMPERATURE (
°C)
270
268
266
264
262
260
258
256
LT1643A G17
–50
25
75
–25
0
50
100
125
3VIN Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
275.0
272.5
270.0
267.5
265.0
262.5
260.0
25
75
1643A G18
–25
0
50
100
125
VOL vs Temperature
TEMPERATURE (
°C)
–50
350
300
250
200
150
100
50
25
75
1643A G19
–25
0
50
100
125
I = 3mA
FAULT
PWRGD
TEMPERATURE (
°C)
–50
9.515
9.510
9.505
9.500
9.495
9.490
9.485
25
75
1643A G20
–25
0
50
100
125
12VIN Undervoltage Lockout
vs Temperature
TEMPERATURE (
°C)
–50
2.454
2.452
2.450
2.448
2.446
2.444
2.442
25
75
1643A G21
–25
0
50
100
125
5VIN Undervoltage Lockout
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com