Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643ALIGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1643ALIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643ALIGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1643ALIGN Datasheet HTML 4Page - Linear Technology LTC1643ALIGN Datasheet HTML 5Page - Linear Technology LTC1643ALIGN Datasheet HTML 6Page - Linear Technology LTC1643ALIGN Datasheet HTML 7Page - Linear Technology LTC1643ALIGN Datasheet HTML 8Page - Linear Technology LTC1643ALIGN Datasheet HTML 9Page - Linear Technology LTC1643ALIGN Datasheet HTML 10Page - Linear Technology LTC1643ALIGN Datasheet HTML 11Page - Linear Technology LTC1643ALIGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
BLOCK DIAGRAM
+
–
LOGIC
9.5V
UVL
5VOUT
+
–
3VOUT
12VIN
62
µA
200
µA
Q5
ON/ON
FAULT
22
µA
3VSENSE
GATE
5VIN 5VSENSE
12VIN
12VOUT
VEEIN
VEEOUT
TIMER
GND
12VIN
3VIN
5VOUT
3VOUT
2.5V
UVL
2.5V
UVL
REF
REF
REF
LTC1643AH/LTC1643AL
ONLY
LTC1643AH/LTC1643AL
ONLY
Q2
Q8
REF
1643A BD
CP3
CP4
CP5
CP7
Q3
Q4
5
13
1
16
4
2
15
8
12
11
10
9
3
14
6
7
PWRGD
Q7
Q1
Q9
Q10
Q6
APPLICATIONS INFORMATION
Hot Circuit Insertion
When a circuit board is inserted into a live PCI slot, the
supply bypass capacitors on the board can draw huge
transient currents from the PCI power bus as they charge
up. The transient currents can cause permanent damage
to the connector pins and cause glitches on the power bus,
causing other boards in the system to reset.
The LTC1643A is designed to turn a board’s supply
voltages on and off in a controlled manner, allowing the
board to be safely inserted or removed from a live PCI slot
without glitching the system power supplies. The chip
also protects the PCI supplies from shorts and monitors
the supply voltages.
The LTC1643AH is designed for motherboard applica-
tions, while the LTC1643AL/LTC1643AL-1 are designed
for CompactPCI applications where the chip resides on
the plug-in board.
VEEOUT (Pin 15): –12V Supply Output. A 1.2Ω switch is
connected between VEEIN and VEEOUT. VEEOUT must
exceed –10.8V before the PWRGD signal can go high on
the LTC1643AH and LTC1643AL.
PIN FUNCTIONS
12VOUT (Pin 16): 12V Supply Output. A 0.5Ω switch is
connected between 12VIN and 12VOUT. 12VOUT must
exceed 11.4V before the PWRGD signal can go high on the
LTC1643AH and LTC1643AL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com