Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643ALIGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1643ALIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643ALIGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1643ALIGN Datasheet HTML 8Page - Linear Technology LTC1643ALIGN Datasheet HTML 9Page - Linear Technology LTC1643ALIGN Datasheet HTML 10Page - Linear Technology LTC1643ALIGN Datasheet HTML 11Page - Linear Technology LTC1643ALIGN Datasheet HTML 12Page - Linear Technology LTC1643ALIGN Datasheet HTML 13Page - Linear Technology LTC1643ALIGN Datasheet HTML 14Page - Linear Technology LTC1643ALIGN Datasheet HTML 15Page - Linear Technology LTC1643ALIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
LT/TP 0104 1K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Multiple Supplies from 3V to 12V and –12V
LTC1422
Hot Swap Controller in SO-8
Single Supply form 3V to 12V, RESET Output
LT
®1640A
– 48V Hot Swap Controller in SO-8
–10V to – 80V Supplies
LT1641-1/LT1641-2
Positive High Voltage Hot Swap Controller in SO-8
Operates from 9V to 80V, Active Current Limiting
LTC1642
Fault Protected Hot Swap Controller
Operation Up to 15V, Handles Surges to 33V
LTC1644
CompactPCI Hot Swap Controller
3.3V, 5V,
±12V, Local Reset Logic, 1V Precharge
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
Dual CompactPCI Hot Swap Controller
3.3V, 5V Supplies, 1V Precharge, Local Reset Logic
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
LTC4211
Hot Swap Controller with Multifunction Current Control
2.5V to 16.5V Operation, MSOP
LTC4230
Triple Hot Swap Controller
1.7V to 16.5V Operation, Multifunction Current Control
LT4250
– 48V Hot Swap Controller in SO-8
– 20V to –80V Supplies, Active Current Limiting
LTC4251
– 48V Hot Swap Controller in SOT-23
–15V Minimum Floating Supply, Active Current Limiting
LTC4252
– 48V Hot Swap Controller in MSOP
Floating Supply, Power Good, Active Current Limiting
Figure 10. CompactPCI Application without
±12V Outputs
TYPICAL APPLICATIONS
R1
0.005
Ω
1%
V(I/O)
V(I/O)
V(I/O)
Q2
IRF7413
Q1
IRF7413
R2
0.007
Ω
1%
R3
10
Ω
5%
R4
10
Ω
5%
R5
100
Ω
5%
C1
0.047
µF
5V
5A
MED 5V
MED 3.3V
BD_SEL#
LONG GND
PCI_RST#
I/O
3.3V
7.6A
PRECHARGE OUT
1V
±20%
IOUT = ±40mA
R9
2k
5%
R12
2k
5%
LOCAL_PCI_RESET#
DATA LINE EXAMPLE
DATA BUS
R10
2k
5%
R11
1
Ω†
5%
* BZX84C15 (SOT-23)
† VALUE MAY VARY FOR BACKPLANES WITHOUT BYPASS CAPACITANCE
R14
10
Ω, 5%
11
3
13
12
14
16
15
4
8
10
9
5
6
3VIN
1
2
12V
12VIN
VEEIN
ON
FAULT
3VSENSE
5VSENSE
3VOUT
LTC1643AL-1
5VOUT
12VOUT
VEEOUT
NC
NC
TIMER
5VIN
GATE
HEALTHY#
7
PWRGD
1643A F10
C2
0.1
µF
GND
C7
0.1
µF
C3
0.01
µF
C4
1
µF
D1
1N4148
R8
1.2k
5%
R13
10k
5%
RESET#
LONG
3.3V
LONG
3.3V
LONG
5V
3.3V
PCI
BRIDGE
(21154)
5V
OUT
IN
ADJ
LT1117
R15
24
Ω
5%
R6
130
Ω
1%
R7
56.2
Ω
1%
I/O
4
3
2
1
4
3
2
1
D2*
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com