Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643ALIGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1643ALIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643ALIGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1643ALIGN Datasheet HTML 1Page - Linear Technology LTC1643ALIGN Datasheet HTML 2Page - Linear Technology LTC1643ALIGN Datasheet HTML 3Page - Linear Technology LTC1643ALIGN Datasheet HTML 4Page - Linear Technology LTC1643ALIGN Datasheet HTML 5Page - Linear Technology LTC1643ALIGN Datasheet HTML 6Page - Linear Technology LTC1643ALIGN Datasheet HTML 7Page - Linear Technology LTC1643ALIGN Datasheet HTML 8Page - Linear Technology LTC1643ALIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afa
DC ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
3.3V and 5V Current
Foldback Profile
OUTPUT VOLTAGE (V)
0
11
10
9
8
7
6
5
4
3
2
1
0
4
1643A G01
1
2
3
5
RSENSE = 0.005Ω
3VOUT
5VOUT
OUTPUT VOLTAGE (V)
0
1.0
0.5
0
–8
–10
1643A G03
–2
–4
–6
–12
OUTPUT VOLTAGE (V)
0
1.0
0.5
0
810
1643A G02
2
4
6
12
12V Current Foldback Profile
– 12V Current Foldback Profile
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTH
Power-Good Threshold Voltage
V3VOUT
0
°C ≤ TA ≤ 70°C
q
2.8
2.9
3.0
V
–40
°C ≤ TA ≤ 85°C
q
2.75
2.9
3.0
V
V5VOUT
0
°C ≤ TA ≤ 70°C
q
4.5
4.65
4.75
V
–40
°C ≤ TA ≤ 85°C
q
4.4
4.65
4.75
V
VIL
Input Low Voltage
ON/ON, FAULT
q
0.8
V
VIH
Input High Voltage
ON/ON, FAULT
q
2V
VOL
Output Low Voltage
FAULT, PWRGD, I = 3mA
q
0.4
V
IIN
ON/ON Pin Input Current
ON/ON = GND
q
± 0.08
±10
µA
ON/ON= 12VIN
q
± 0.08
±10
µA
5VSENSE Input Current
5VSENSE = 5V
q
50
100
µA
3VSENSE Input Current
3VSENSE = 3V
q
50
100
µA
5VIN Input Current
5VIN = 5V
q
460
700
µA
3VIN Input Current
3VIN = 3V
q
320
600
µA
5VOUT Input Current
5VOUT = 5V, ON = 3V, ON = GND
q
240
500
µA
3VOUT Input Current
3VOUT = 3.3V, ON = 3V, ON = GND
q
220
500
µA
RDIS
5VOUT Discharge Impedance
ON = GND or ON = 3V
100
Ω
3VOUT Discharge Impedance
ON = GND or ON = 3V
70
Ω
12VOUT Discharge Impedance
ON = GND or ON = 3V
450
Ω
VEEOUT Discharge Impedance
ON = GND or ON = 3V
1600
Ω
ITIMER
TIMER Pin Current
Timer On, VTIMER = GND
q
–15
– 22
–27
µA
Timer Off, VTIMER = 5V
45
mA
VTIMER
TIMER Threshold Voltage
(V12VIN – VTIMER)
q
0.5
0.9
1.3
V
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
V12VIN = 12V, VEEIN = – 12V, V3VIN = 3.3V, V5VIN = 5V (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com