Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6235IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT6235IGN
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6235IGN Datasheet(HTML) 1 Page - Linear Technology

  LT6235IGN Datasheet HTML 1Page - Linear Technology LT6235IGN Datasheet HTML 2Page - Linear Technology LT6235IGN Datasheet HTML 3Page - Linear Technology LT6235IGN Datasheet HTML 4Page - Linear Technology LT6235IGN Datasheet HTML 5Page - Linear Technology LT6235IGN Datasheet HTML 6Page - Linear Technology LT6235IGN Datasheet HTML 7Page - Linear Technology LT6235IGN Datasheet HTML 8Page - Linear Technology LT6235IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
623345f
LT6233/LT6233-10/
LT6234/LT6235
s
Low Noise Voltage: 1.9nV/
√Hz
s
Low Supply Current: 1.15mA/Amp Max
s
Low Offset Voltage: 350
µV Max
s
Gain Bandwidth Product:
LT6233: 60MHz; AV ≥ 1
LT6233-10: 375MHz; AV ≥ 10
s
Wide Supply Range: 3V to 12.6V
s
Output Swings Rail-to-Rail
s
Common Mode Rejection Ratio 115dB Typ
s
Output Current: 30mA
s
Operating Temperature Range – 40
°C to 85°C
s
LT6233 Shutdown to 10
µA Maximum
s
LT6233/LT6233-10 in SOT-23 Package
s
Dual LT6234 in Tiny DFN Package
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
60MHz, Rail-to-Rail Output,
1.9nV/
√Hz, 1.15mA Op Amp Family
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®6233/LT6234/LT6235 are single/dual/quad low
noise, rail-to-rail output unity gain stable op amps that
feature 1.9nV/
√Hz noise voltage and draw only 1.15mA of
supply current per amplifier. These amplifiers combine
very low noise and supply current with a 60MHz gain
bandwidth product, a 17V/
µs slew rate and are optimized
for low supply voltage signal conditioning systems. The
LT6233-10 is a single amplifier optimized for higher gain
applications resulting in higher gain bandwidth and slew
rate. The LT6233 and LT6233-10 include an enable pin
that can be used to reduce the supply current to less than
10
µA.
The amplifier family has an output that swings within
50mV of either supply rail to maximize the signal dynamic
range in low supply applications and is specified on 3.3V,
5V and
±5V supplies. The en • √ISUPPLY product of 2.1 per
amplifier is among the most noise efficient of any op amp.
The LT6233/LT6233-10 is available in the 6-lead SOT-23
package and the LT6234 dual is available in the 8-pin SO
package with standard pinouts. For compact layouts, the
dual is also available in a tiny dual fine pitch leadless
package (DFN). The LT6235 is available in the 16-pin
SSOP package.
LT6233/LT6233-10/
LT6234/LT6235
Noise Voltage and Unbalanced
Noise Current vs Frequency
FREQUENCY (Hz)
6
5
4
3
2
1
0
10
1k
10k
100k
623345 TA01b
100
VS = ±2.5V
TA = 25°C
VCM = 0V
NOISE VOLTAGE
NOISE CURRENT
6
5
4
3
2
1
0
Low Noise Low Power Instrumentation Amplifier
R6
499
Ω
VS
+
AV = 20
BW = 2.8MHz
VS = ±1.5V to ±5V
VOUT
VS
–
IN+
IN–
VS
–
VS
+
R7
499
Ω
R4
499
Ω
R2
475
Ω
R1
49.9
Ω
R3
475
Ω
R5
499
Ω
EN
IS = 3mA
EN = 8µVRMS INPUT REFERRED,
MEASUREMENT BW = 4MHz
623345 TA01a
–
+
LT6233
1/2 LT6234
1/2 LT6234
s
Ultrasound Amplifiers
s
Low Noise, Low Power Signal Processing
s
Active Filters
s
Driving A/D Converters
s
Rail-to-Rail Buffer Amplifiers


Similar Part No. - LT6235IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6235 LINER-LT6235 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6235 LINER-LT6235 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6235 LINER-LT6235 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6235 LINER-LT6235 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
logo
Analog Devices
LT6235 AD-LT6235 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
More results

Similar Description - LT6235IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Intersil Corporation
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amps
October 29, 2004
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com