Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6235IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6235IGN
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6235IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6235IGN Datasheet HTML 6Page - Linear Technology LT6235IGN Datasheet HTML 7Page - Linear Technology LT6235IGN Datasheet HTML 8Page - Linear Technology LT6235IGN Datasheet HTML 9Page - Linear Technology LT6235IGN Datasheet HTML 10Page - Linear Technology LT6235IGN Datasheet HTML 11Page - Linear Technology LT6235IGN Datasheet HTML 12Page - Linear Technology LT6235IGN Datasheet HTML 13Page - Linear Technology LT6235IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
10
623345f
TEMPERATURE (
°C)
–50
25
623345 GO5
–25
0
50
6
5
4
3
2
1
0
–1
75
100
125
VCM = 4V
VCM = 1.5V
VS = 5V, 0V
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less than
40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6233C/LT6233I the LT6234C/LT6234I, and LT6235C/
LT6235I are guaranteed functional over the temperature range of –40
°C
and 85
°C.
Note 5: The LT6233C/LT6234C/LT6235C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT6233C/LT6234C/LT6235C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C, but are not tested or QA sampled at these temperatures.
The LT6233I/LT6234I/LT6235I are guaranteed to meet specified
performance from –40
°C to 85°C.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6235; between the two amplifiers
of the LT6234. CMRR and PSRR match are defined as follows: CMRR and
PSRR are measured in
µV/V on the matched amplifiers. The difference is
calculated between the matching sides in
µV/V. The result is converted
to dB.
Note 7: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8: Output voltage swings are measured between the output and
power supply rails.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 10: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
VOS Distribution
Supply Current vs Supply Voltage
(Per Amplifier)
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
(LT6233/LT6234/LT6235)
INPUT OFFSET VOLTAGE (
µV)
–200
0
10
20
30
40
–100
0
100
200
623345 GO1
50
60
–150
–50
50
150
VS = 5V, 0V
VCM = V
+/2
S8
TOTAL SUPPLY VOLTAGE (V)
0
6
623345 GO2
24
8
2.0
1.5
1.0
0.5
0
10
12
14
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
1.5
623345 GO3
0.5
1
2
500
400
300
200
100
0
–100
–200
–300
–400
–500
345
2.5
3.5
4.5
TA = –55°C
TA = 25°C
TA = 125°C
VS = 5V, 0V
COMMON MODE VOLTAGE (V)
–1
2
623345 GO4
01
3
6
5
4
3
2
1
0
–2
–1
456
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
LOAD CURRENT (mA)
0.01
0.1
0.0001
0.01
10
1
100
10
623345 GO6
0.001
0.1
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com