Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6235IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT6235IGN
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6235IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6235IGN Datasheet HTML 10Page - Linear Technology LT6235IGN Datasheet HTML 11Page - Linear Technology LT6235IGN Datasheet HTML 12Page - Linear Technology LT6235IGN Datasheet HTML 13Page - Linear Technology LT6235IGN Datasheet HTML 14Page - Linear Technology LT6235IGN Datasheet HTML 15Page - Linear Technology LT6235IGN Datasheet HTML 16Page - Linear Technology LT6235IGN Datasheet HTML 17Page - Linear Technology LT6235IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
14
623345f
TYPICAL PERFOR A CE CHARACTERISTICS
Large Signal Response
Small Signal Response
Distortion vs Frequency
Large Signal Response
Output Overdrive Recovery
Supply Current vs ENABLE Pin
Voltage
ENABLE Pin Current vs ENABLE
Pin Voltage
ENABLE Pin Response Time
(LT6233) ENABLE Characteristics
VS = ±2.5V
200ns/DIV
AV = 1
RL = 1k
623345 G36
0V
VS = ±5V
200ns/DIV
AV = 1
RL = 1k
623345 G37
–5V
5V
0V
PIN VOLTAGE (V)
–1.0
623345 G39
–2.0
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.0
2.0
TA = 125°C
VS = ±2.5V
TA = 25°C
TA = –55°C
PIN VOLTAGE (V)
623345 G40
35
30
25
20
15
10
5
0
TA = 125°C
VS = ±2.5V
AV = 1
TA = 25°C
TA = –55°C
–1.0
–2.0
0
1.0
2.0
FREQUENCY (Hz)
10k
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623345 G34
VS = ±5V
AV = 2
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
(LT6233/LT6234/LT6235)
VS = ±2.5V
200ns/DIV
AV = –1
RL = 1k
623345 G35
–2V
2V
0V
VS = ±2.5V
200
µs/DIV
VIN = 0.5V
AV = 1
RL = 1k
623345 G41
0.5V
5V
0V
0V
VS = ±2.5V
200ns/DIV
AV = 3
623345 G38
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com