Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T58
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 7Page - STMicroelectronics M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics M48T58 Datasheet HTML 11Page - STMicroelectronics M48T58 Datasheet HTML 12Page - STMicroelectronics M48T58 Datasheet HTML 13Page - STMicroelectronics M48T58 Datasheet HTML 14Page - STMicroelectronics M48T58 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
M48T58, M48T58Y
Table 7. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA =0to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48T58/Y
Unit
Min
Max
tAVAV
READ Cycle Time
70
ns
tAVQV
Address Valid to Output Valid
70
ns
tE1LQV
Chip Enable 1 Low to Output Valid
70
ns
tE2HQV
Chip Enable 2 High to Output Valid
70
ns
tGLQV
Output Enable Low to Output Valid
35
ns
tE1LQX
(2)
Chip Enable 1 Low to Output Transition
5
ns
tE2HQX
(2)
Chip Enable 2 High to Output Transition
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
ns
tE1HQZ
(2)
Chip Enable 1 High to Output Hi-Z
25
ns
tE2LQZ
(2)
Chip Enable 2 Low to Output Hi-Z
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
ns
tAXQX
Address Transition to Output Transition
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com