Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T58
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics M48T58 Datasheet HTML 11Page - STMicroelectronics M48T58 Datasheet HTML 12Page - STMicroelectronics M48T58 Datasheet HTML 13Page - STMicroelectronics M48T58 Datasheet HTML 14Page - STMicroelectronics M48T58 Datasheet HTML 15Page - STMicroelectronics M48T58 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
M48T58, M48T58Y
12/27
WRITE Mode
The M48T58/Y is in the WRITE Mode whenever W
and E1 are low and E2 is high. The start of a
WRITE is referenced from the latter occurring fall-
ingedgeof W or E1, or the rising edge of E2. A
WRITE is terminated by the earlier rising edge of
W or E1, or the falling edge of E2. The addresses
must be held valid throughout the cycle. E1 or W
must return high or E2 low for a minimum of tE1HAX
or tE2LAX from Chip Enable or tWHAX from WRITE
Enable prior to the initiation of another READ or
WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX af-
terward. G should be kept high during WRITE cy-
cles to avoid bus contention; although, if the output
bus has been activated by a low on E1 and G and
a highonE2, a low on W will disable the outputs
tWLQZ after W falls.
Figure 9. WRITE Enable Controlled, WRITE AC Waveform
AI00963
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A12
E1
W
DQ0-DQ7
VALID
E2
tAVWH
tAVE1L
tAVE2H
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com