Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T58
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 15Page - STMicroelectronics M48T58 Datasheet HTML 16Page - STMicroelectronics M48T58 Datasheet HTML 17Page - STMicroelectronics M48T58 Datasheet HTML 18Page - STMicroelectronics M48T58 Datasheet HTML 19Page - STMicroelectronics M48T58 Datasheet HTML 20Page - STMicroelectronics M48T58 Datasheet HTML 21Page - STMicroelectronics M48T58 Datasheet HTML 22Page - STMicroelectronics M48T58 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
M48T58, M48T58Y
Battery Low Flag
The M48T58/Y automatically performs periodic
battery voltage monitoring upon power-up and at
factory-programmed time intervals of 24 hours (at
day rollover) as long as the device is powered and
the oscillator is running. The Battery Low flag (BL),
Bit D6 of the flags Register 1FFDh, will be assert-
ed high if the internal or SNAPHAT® battery is
found to be less than approximately 2.5V and the
Battery Low Enable (BLE) Bit has been previously
set to '1.' The BL flag will remain active until com-
pletion of battery replacement and subsequent
battery low monitoring tests, either during the next
power-up sequence or the next scheduled 24-hour
interval.
If a battery low is generated during a power-up se-
quence, this indicates that the battery voltage is
below 2.5V (approximately), which may be insuffi-
cient to maintain data integrity. Data should be
considered suspect and verified as correct. A fresh
battery should be installed.
If a battery low indication is generated during the
24-hour interval check, this indicates that the bat-
tery is near end of life. However, data has not been
compromised due to the fact that a nominal VCC is
supplied. In order to insure data integrity during
subsequent periods of battery back-up mode, it is
recommended that the battery be replaced. The
SNAPHAT top may be replaced while VCC is ap-
plied to the device.
Note: This will cause the clock to lose time during
the interval the SNAPHAT battery/crystal top is
disconnected.
Note: Battery monitoring is a useful technique only
when performed periodically. The M48T58/Y only
monitors the battery when a nominal VCC is ap-
plied to the device. Thus applications which re-
quire extensive durations in the battery back-up
mode should be powered-up periodically (at least
once every few months) in order for this technique
to be beneficial. Additionally, if a battery low is in-
dicated, data integrity should be verified upon
power-up via a checksum or other technique.
Century Bit
Bit D5 and D4 of Clock Register 1FFCh contain
the CENTURY ENABLE Bit (CEB) and the CEN-
TURY Bit (CB). SettingCEB toa'1' will causeCB
to toggle, either from a '0' to '1' or from '1' to '0' at
the turn of the century (depending upon its initial
state). If CEB is set to a '0,' CB will not toggle.
Note: The WRITE Bit must be set in order to write
to the CENTURY Bit.
Figure 12. Crystal Accuracy Across Temperature
AI02124
-80
-60
-100
-40
-20
0
20
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
∆F
= -0.038
(T - T
0)
2
± 10%
F
ppm
C
2
T
0 = 25 °C
ppm
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com