Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMH6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41ST95WMH6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMH6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41ST95WMH6F Datasheet HTML 13Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 14Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 15Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 16Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 17Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 18Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 19Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 20Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
M41ST95Y*, M41ST95W
Calibrating the Clock
The M41ST95Y/W is driven by a quartz-controlled
oscillator with a nominal frequency of 32,768Hz.
Uncalibrated clock accuracy will not exceed ±35
ppm (parts per million) oscillator frequency error at
25°C, which equates to about ±1.53 minutes per
month. When the Calibration circuit is properly em-
ployed, accuracy improves to better than ±2 ppm
at 25°C.
The oscillation rate of crystals changes with tem-
perature (see Figure 18., page 24). Therefore, the
M41ST95Y/W design employs periodic counter
correction. The calibration circuit adds or subtracts
counts from the oscillator divider circuit at the di-
vide
by
256
stage,
as
shown
in
Figure
19., page 24. The number of times pulses are
blanked (subtracted, negative calibration) or split
(added, positive calibration) depends upon the
value loaded into the five Calibration Bits found in
the Control Register. Adding counts speeds the
clock up, subtracting counts slows the clock down.
The Calibration Bits occupy the five lower order
bits (D4-D0) in the Control Register (8h). These
bits can be set to represent any value between 0
and 31 in binary form. Bit D5 is a Sign Bit; '1' indi-
cates positive calibration, '0' indicates negative
calibration. Calibration occurs within a 64 minute
cycle. The first 62 minutes in the cycle may, once
per minute, have one second either shortened by
128 or lengthened by 256 oscillator cycles. If a bi-
nary '1' is loaded into the register, only the first 2
minutes in the 64 minute cycle will be modified; if
a binary 6 is loaded, the first 12 will be affected,
and so on.
Therefore, each calibration step has the effect of
adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles, that is
+4.068 or –2.034 ppm of adjustment per calibra-
tion step in the calibration register. Assuming that
the oscillator is running at exactly 32,768Hz, each
of the 31 increments in the Calibration byte would
represent +10.7 or –5.35 seconds per month
which corresponds to a total range of +5.5 or –2.75
minutes per month.
Two methods are available for ascertaining how
much calibration a given M41ST95Y/W may re-
quire.
The first involves setting the clock, letting it run for
a month and comparing it to a known accurate ref-
erence and recording deviation over a fixed period
of time. Calibration values, including the number of
seconds lost or gained in a given period, can be
found in Application Note AN934: TIMEKEEPER
CALIBRATION. This allows the designer to give
the end user the ability to calibrate the clock as the
environment requires, even if the final product is
packaged in a non-user serviceable enclosure.
The designer could provide a simple utility that ac-
cesses the Calibration Byte.
The second approach is better suited to a manu-
facturing environment, and involves the use of the
IRQ/FT/OUT pin. The pin will toggle at 512Hz,
when the Stop Bit (ST, D7 of 1h) is '0,' the Fre-
quency Test Bit (FT, D6 of 8h) is '1,' the Alarm Flag
Enable Bit (AFE, D7 of Ah) is '0,' and the Watch-
dog Steering Bit (WDS, D7 of 9h) is '1' or the
Watchdog Register (9h = 0) is reset.
Any deviation from 512Hz indicates the degree
and direction of oscillator frequency shift at the test
temperature.
For
example,
a
reading
of
512.010124Hz would indicate a +20 ppm oscillator
frequency error, requiring a –10 (XX001010) to be
loaded into the Calibration Byte for correction.
Note: Setting or changing the Calibration Byte
does not affect the Frequency Test output fre-
quency.
The IRQ/FT/OUT pin is an open drain output
which requires a pull-up resistor for proper opera-
tion. A 500 to 10k
Ω resistor is recommended in or-
der to control the rise time. The FT Bit is cleared
on power-down.
Setting Alarm Clock Registers
Address locations 0Ah-0Eh contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second, or repeat every year, month,
day, hour, minute, or second. It can also be pro-
grammed to go off while the M41ST95Y/W is in the
battery back-up to serve as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode
of operation. Table 5., page 18 shows the possible
configurations. Codes not listed in the table default
to the once per second mode to quickly alert the
user of an incorrect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set, the alarm condi-
tion activates the IRQ/FT/OUT pin.
Note: If the address pointer is allowed to incre-
ment to the Flag Register address, an alarm con-
dition will not cause the Interrupt/Flag to occur until
the address pointer is moved to a different ad-
dress.
It should also be noted that if the last address writ-
ten is the “Alarm Seconds,” the address pointer
will increment to the Flag address, causing this sit-
uation to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com