Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMH6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41ST95WMH6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMH6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41ST95WMH6F Datasheet HTML 15Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 16Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 17Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 18Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 19Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 20Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 21Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 22Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
M41ST95Y*, M41ST95W
Figure 15. Back-up Mode Alarm Waveforms
Watchdog Timer
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the Watchdog Register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the
two lower order bits RB1-RB0 select the resolu-
tion, where 00 = 1/16 second, 01 =
1/4 second,
10 = 1 second, and 11 = 4 seconds. The amount
of time-out is then determined to be the multiplica-
tion of the five-bit multiplier value with the resolu-
tion. (For example: writing 00001110 in the
Watchdog Register = 3*1 or 3 seconds).
Note: Accuracy of timer is within ± the selected
resolution.
If the processor does not reset the timer within the
specified period, the M41ST95Y/W sets the WDF
(Watchdog Flag) and generates a watchdog inter-
rupt or a microprocessor reset. WDF is reset by
reading the Flags Register (0Fh).
The most significant bit of the Watchdog Register
is the Watchdog Steering Bit (WDS). When set to
a '0,' the watchdog will activate the IRQ/FT/OUT
pin when timed-out. When WDS is set to a '1,' the
watchdog will output a negative pulse on the RST
pin for tREC.
The Watchdog register and the AFE, ABE, SQWE,
and FT Bits will reset to a '0' at the end of a Watch-
dog time-out when the WDS Bit is set to a '1.'
The watchdog timer can be reset by two methods:
1.
a transition (high-to-low or low-to-high) can be
applied to the Watchdog Input pin (WDI), or
2.
the microprocessor can perform a WRITE of
the Watchdog Register.
The time-out period then starts over. The WDI pin
should be tied to VSS if not used. In order to per-
form a software reset of the watchdog timer, the
original time-out period can be written into the
Watchdog Register, effectively restarting the
count-down cycle.
Should the watchdog timer time-out, and the WDS
Bit is programmed to output an interrupt, a value of
00h needs to be written to the Watchdog Register
in order to clear the IRQ/FT/OUT pin. This will also
disable the watchdog function until it is again pro-
grammed correctly. A READ of the Flags Register
will reset the Watchdog Flag (Bit D7; Register
0Fh).
The watchdog function is automatically disabled
upon power-up and the Watchdog Register is
cleared. If the watchdog function is set to output to
the IRQ/FT/OUT pin and the Frequency Test (FT)
function is activated, the watchdog function pre-
vails and the Frequency Test function is denied.
AI03920
VCC
IRQ/FT/OUT
VPFD
ABE, AFE Bits in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com