Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMH6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41ST95WMH6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMH6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41ST95WMH6F Datasheet HTML 17Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 18Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 19Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 20Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 21Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 22Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 23Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 24Page - STMicroelectronics M41ST95WMH6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
M41ST95Y*, M41ST95W
Power-on Reset
The M41ST95Y/W continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for tREC after VCC passes VPFD (max).
The RST pin is an open drain output and an appro-
priate pull-up resistor should be chosen to control
rise time.
Reset Input (RSTIN1 and RSTIN2)
The M41ST95Y/W provides two independent in-
puts which can generate an output reset. The du-
ration and function of these resets is identical to a
reset generated by a power cycle. Table 7 and Fig-
ure 16 illustrate the AC reset characteristics of this
function. Pulses shorter than tRLRH1 and tRLRH2
will not generate a reset condition. RSTIN1 and
RSTIN2 are each internally pulled up to VCC
through a 100k
Ω resistor.
Figure 16. RSTIN1 and RSTIN2 Timing Waveforms
Note: 1. Open Drain Output
Table 7. Reset AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. Pulse width less than 50ns will result in no RESET (for noise immunity).
3. Pulse width less than 20ms will result in no RESET (for noise immunity).
4. Programmable (see Table 8., page 23)
5. After crystal oscillator has started
Symbol
Parameter(1)
Min
Max
Unit
tRLRH1
(2)
RSTIN1 Low to RSTIN1 High
200
ns
tRLRH2
(3)
RSTIN2 Low to RSTIN2 High
100
ms
tR1HRH
(4)
RSTIN1 High to RST High
96
98
ms
tR2HRH
(4,5)
RSTIN2 High to RST High
96
98
ms
AI03665
RSTIN2
RST
(1)
RSTIN1
tRLRH1
tRLRH2
tR1HRH
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com