Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMX6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41ST95WMX6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41ST95WMX6F Datasheet HTML 3Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 4Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 5Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 6Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 7Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 8Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 9Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 10Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/35
M41ST95Y*, M41ST95W
Figure 6. Block Diagram
Note: 1. Open Drain Output
2. Available only in 28-pin, 300mil SOIC (MX) package.
AI06371
COMPARE
VPFD
VCC
COMPARE
VSO
VOUT
F32k
(2)
VBL
BL
COMPARE
Crystal
SPI
INTERFACE
REAL TIME CLOCK
CALENDAR
44 BYTES
USER RAM
RTC w/ALARM
& CALIBRATION
WATCHDOG
FREQUENCY TEST
OUTPUT DRIVER
SQUARE WAVE
SDO
E
SDI
SCL
1.25V
PFI
PFO
RSTIN1
POR
SQW
RST
(1)
WDI
WDS
AFE
OUT
FT
IRQ/FT/OUT
(1)
VBAT
32kHz
OSCILLATOR
COMPARE
RSTIN2
EX
ECON
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com