Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMX6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST95WMX6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST95WMX6F Datasheet HTML 16Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 17Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 18Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 19Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 20Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 21Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 22Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 23Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
M41ST95Y*, M41ST95W
20/35
Square Wave Output
The M41ST95Y/W offers the user a programma-
ble square wave function which is output on the
SQW pin. RS3-RS0 bits located in 13h establish
the square wave output frequency. These fre-
quencies are listed in Table 6. Once the selection
of the SQW frequency has been completed, the
SQW pin can be turned on and off under software
control with the Square Wave Enable Bit (SQWE)
located in Register 0Ah.
Table 6. Square Wave Output Frequency
Full-time F32k Square Wave Output
(Available only in 28-pin, 300mil SOIC (MX) package).
The M41ST95Y/W offers the user a special 32kHz
square wave function which is always output on
the F32k pin (Pin 21) as long as VCC ≥ VSO, and the
oscillator is running (ST Bit = '0'). This function is
available within four seconds of initial power-up
and can only be disabled by setting the ST Bit to
'1,' or while the device is in back-up. If not used,
the F32k pin should be disconnected and allowed
to float.
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
–
0
0
0
1
32.768
kHz
00
10
8.192
kHz
00
11
4.096
kHz
01
00
2.048
kHz
01
01
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
008
Hz
11
014
Hz
11
102
Hz
11
111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com