Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMX6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41ST95WMX6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41ST95WMX6F Datasheet HTML 10Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 11Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 12Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 13Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 14Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 15Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 16Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 17Page - STMicroelectronics M41ST95WMX6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
M41ST95Y*, M41ST95W
14/35
Figure 13. WRITE Mode Sequence
Data Retention Mode
With valid VCC applied, the M41ST95Y/W can be
accessed as described above with READ or
WRITE Cycles. Should the supply voltage decay,
the M41ST95Y/W will automatically deselect,
write protecting itself (and any external SRAM)
when
VCC
falls
between
VPFD(max)
and
VPFD(min). This is accomplished by internally in-
hibiting access to the clock registers. At this time,
the Reset pin (RST) is driven active and will re-
main active until VCC returns to nominal levels. Ex-
ternal RAM access is inhibited in a similar manner
by forcing ECON to a high level. This level is within
0.2 volts of the VBAT. ECON will remain at this level
as long as VCC remains at an out-of-tolerance con-
dition. When VCC falls below the Battery Back-up
Switchover Voltage (VSO), power input is switched
from the VCC pin to the SNAPHAT
® battery, and
the clock registers and external SRAM are main-
tained from the attached battery supply.
All outputs become high impedance. The VOUT pin
is capable of supplying 100 µA of current to the at-
tached memory with less than 0.3 volts drop under
this condition. On power up, when VCC returns to
a nominal value, write protection continues for
tREC by inhibiting ECON. The RST signal also re-
mains
active
during
this
time
(see
Figure
21., page 28).
Note: Most low power SRAMs on the market to-
day can be used with the M41ST95Y/W RTC SU-
PERVISOR. There are, however some criteria
which should be used in making the final choice of
an SRAM to use.
The SRAM must be designed in a way where the
chip enable input disables all other inputs to the
SRAM. This allows inputs to the M41ST95Y/W
and SRAMs to be “Don’t Care” once VCC falls be-
low VPFD(min). The SRAM should also guarantee
data retention down to VCC = 2.0 volts. The chip
enable access time must be sufficient to meet the
system needs with the chip enable output propa-
gation delays included. If the SRAM includes a
second chip enable pin (E2), this pin should be
tied to VOUT.
If data retention lifetime is a critical parameter for
the system, it is important to review the data reten-
tion
current
specifications
for
the
particular
SRAMs being evaluated. Most SRAMs specify a
data retention current at 3.0 volts. Manufacturers
generally specify a typical condition for room tem-
perature along with a worst case condition (gener-
ally at elevated temperatures). The system level
requirements will determine the choice of which
value to use. The data retention current value of
the SRAMs can then be added to the IBAT value of
the M41ST95Y/W to determine the total current re-
quirements for data retention. The available bat-
tery capacity for the SNAPHAT® of your choice
can then be divided by this current to determine
the amount of data retention available (see 20).
For a further more detailed review of lifetime calcu-
lations, please see Application Note AN1012.
SCL
SDI
E
SDO
7
2
HIGH IMPEDANCE
0
DATA BYTE
7 BIT ADDR
W/R BIT
10
15
MSB
MSB
6
6
5
5
4
4
3
3
21
1
0
65
43
2
1
0
7
7
7
8
9
AI04636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com