Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16S01B Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTDL-RX16S01B
Description  High speed transmission 竊?6 Mbps , NRZ code 竊
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16S01B Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTDL-RX16S01B Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 4Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Notice
The circuit application examples in this publication are provided to explain representative applications of LITE-ON devices
and are not intended to guarantee any circuit design or license any intellectual property rights. LITE-ON takes no
responsibility for any problems related to any intellectual property right of a third party resulting from the use of LITE-ON
devices.
Contact LITE-ON in order to obtain the latest device data sheets before using any LITE-ON device. LITE-ON reserves the
right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at
any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without
notice.
Observe the following points when using any devices in this publication. LITE-ON takes no responsibility for damage
caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used
specified in the relevant data sheet nor meet the following conditions:
( i ) The devices in this publication are designed for use in general electronic equipment designs such as:
--- Personal computers
--- Office automation equipment
--- Telecommunication equipment【terminal】
--- Test and measurement equipment
--- Industrial control
--- Audio visual equipment
--- Consumer electronics
( ii ) Measure such as fail-safe function and redundant design should be taken to ensure reliability and safety when LITE-ON
device are used for or in connection with equipment that requires higher reliability such as:
--- Transportation control and safety equipment(i.e., aircraft, train, automobiles, ect.)
--- Traffic signals
--- Gas leakage sensor breakers
--- Alarm equipment
--- Various safety devices, etc.
( iii ) LITE-ON devices shall not be used for or in connection with equipment that requires an extremely high level of reliability
and safety such as:
--- Space applications
--- Telecommunication equipment(trunk lines)
--- Nuclear power control equipment
--- Medical and other life support equipment(e.g., scuba)
If the LITE-ON devices listed in this publication fall within the scope of strategic products described in the Foreign
Exchange and Foreign Trade Law of Republic of China , it is necessary to obtain approval to export such LITE-ON devices.
This publication is the proprietary product of LITE-ON and is copyrighted, with all rights reserved. Under the copyright
laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for
any purpose, in whole or in part, without the express written permission of LITE-ON. Express written permission is also
required before any use of this publication may be made by a third party.
Contact and consult with a LITE-ON representative if there are any questions about the contents of this publication.
Part No. : LTDL-RX16S01B DATA SHEET
Page :
5
of
5
BNS-OD-C131/A4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com