Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16S01B Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTDL-RX16S01B
Description  High speed transmission 竊?6 Mbps , NRZ code 竊
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16S01B Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTDL-RX16S01B Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 4Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
*1 Setup of Measuring System
CH1
CH2
0.22uF
Vout
VDD
VDD GND
Input Signal
Standard transmitter
Optical fiber cable
LTDL-RX16Sxx
Oscilloscope
NRZ code,
16M bps,
Probe A
Probe B
A
Note:
(1) VDD = + 5.0 V ± 0.05V
(2) Input signal:16M bps, NRZ code, tr, tf ≦5ns
(3) Characteristics of standard transmitter are according to another sheet.
(4) The SONY POC-10(POF, 1m)or its equivalent fiber optic cable should be used.
(5) The Tektronix TDS380P or its equivalent oscilloscope should be used.
(6) The probe B for the oscilloscope must be more than 1MΩ and less than 10pF.
(7) When measuring delay time, use same type and length of probe A and B.
(8) It measures in the condition where did fiber optic cable straight, but the curve of the range within
contented.
Item
Measuring Method
IDD
Measured on the ammeter
VOH
Measured on the oscilloscope
VOL
Measured on the oscilloscope
tPLH
Measured on the oscilloscope
tPHL
Measured on the oscilloscope
Δ
tW
Measured on the oscilloscope
tr
Measured on the oscilloscope
tf
Measured on the oscilloscope
Δtj
Measured on the oscilloscope
Part No. : LTDL-RX16S01B DATA SHEET
Page :
3
of
5
BNS-OD-C131/A4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com