Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16S01B Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTDL-RX16S01B
Description  High speed transmission 竊?6 Mbps , NRZ code 竊
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16S01B Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTDL-RX16S01B Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 4Page - Lite-On Technology Corporation LTDL-RX16S01B Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
ELECTRO-OPTICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS AT Ta=25℃
PARAMETER
MAXIMUM RATING
UNIT
Supply Voltage (VDD)
-0.5 ~ +6.0
V
Output Voltage (VO)
-0.5 ~ VDD +0.3
V
Operating Temperature Range
-20℃ to + 70℃
Storage Temperature Range
-30℃ to + 80℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260℃ for 5 Seconds
ELECTRICAL OPTICAL CHARACTERISTICS AT Ta=25℃
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST
CONDITION
Data Rate
Ts
0.1
-
16
Mbps
NRZ signal
Operating Voltage
VDD
4.75
-
5.25
V
Peak Sensitivity Wavelength
λ
Peak
-
650
-
nm
Input Sensitivity
Pi
-24
-
-14
dBm
Dissipation current
IDD
-
4
6
mA
*1
High level output voltage
VOH
2.4
4.8
-
V
*1
Low level output voltage
VOL
-
0.2
0.4
V
*1
“Low
High”propagation delay time
tPLH
-
-
166
ns
“High
Low”propagation delay time
tPHL
-
-
155
ns
Pulse width distortion
Δ
tW
-18
-
+18
ns
*1
Jitter
Δtj
-
1
5
ns
*1
Rise Time
tr
-
8
20
ns
*1
Fall Time
tf
-
8
20
ns
*1
Part No. : LTDL-RX16S01B DATA SHEET
Page :
2
of
5
BNS-OD-C131/A4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com