Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC9352
Description  3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9352 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC9352 Datasheet HTML 8Page - Motorola, Inc MPC9352 Datasheet HTML 9Page - Motorola, Inc MPC9352 Datasheet HTML 10Page - Motorola, Inc MPC9352 Datasheet HTML 11Page - Motorola, Inc MPC9352 Datasheet HTML 12Page - Motorola, Inc MPC9352 Datasheet HTML 13Page - Motorola, Inc MPC9352 Datasheet HTML 14Page - Motorola, Inc MPC9352 Datasheet HTML 15Page - Motorola, Inc MPC9352 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPC9352
TIMING SOLUTIONS
13
MOTOROLA
Figure 14. Output–to–output Skew tSK(O)
Figure 15. Propagation delay (t(∅), static phase
offset) test reference
Figure 16. Output Duty Cycle (DC)
The pin-to-pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
VCCB2
GND
VCC
VCCB2
GND
tSK(O)
VCC
VCCB2
GND
tP
T0
DC = tP/T0 x 100%
VCC
VCCB2
GND
VCC
VCCB2
GND
t(∅)
CCLK
FB_IN
TJIT(∅) = |T0-T1mean|
CCLK
FB_IN
The deviation in t0 for a controlled edge with respect to a t0 mean in a
random sample of cycles
Figure 17. I/O Jitter
Figure 18. Cycle–to–cycle Jitter
Figure 19. Period Jitter
The variation in cycle time of a signal between adjacent cycles, over a
random sample of adjacent cycle pairs
The deviation in cycle time of a signal with respect to the ideal period over
a random sample of cycles
TN
TJIT(CC) = |TN-TN+1|
TN+1
TJIT(PER) = |TN-1/f0|
T0
tF
tR
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
Figure 20. Output Transition Time Test Reference
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com