Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet (PDF) - Motorola, Inc

MPC9352 Datasheet PDF - Motorola, Inc
Part # MPC9352
Download  MPC9352 Download
File Size   379.57 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR

MPC9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9352 Datasheet PDF - Motorola, Inc

Part # MPC9352
Download  MPC9352 Click to download

File Size   379.57 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR

MPC9352 Datasheet (HTML) - Motorola, Inc


MPC9352 Product details

3.3V / 2.5V 1:11 LVCMOS Zero Delay Clock Generator

The MPC9352 is a 3.3V or 2.5V compatible, 1:11 PLL based clock generator targeted for high performance clock tree applications. With output frequencies up to 200 MHz and output skews lower than 200 ps the device meets the needs of most demanding clock applications.

Features
• Configurable 11 outputs LVCMOS PLL clock generator
• Fully integrated PLL
• Wide range of output clock frequency of 16.67 MHz to 200 MHz
• Multiplication of the input reference clock frequency by 3, 2, 1, 3÷2, 2÷3, 1÷3 and 1÷2
• 2.5V and 3.3V LVCMOS compatible
• Maximum output skew of 200 ps
• Supports zero–delay applications
• Designed for high–performance telecom, networking and computing applications
• 32 lead LQFP package
• Ambient Temperature Range –40°C to +85°C




Similar Part No. - MPC9352

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
More results


Similar Description - MPC9352

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
MPC93R52 RENESAS-MPC93R52 Datasheet
336Kb / 14P
3.3 V 1:11 LVCMOS Zero Delay Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com