Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet (PDF) - Renesas Technology Corp

MPC9352 Datasheet PDF - Renesas Technology Corp
Part # MPC9352
Download  MPC9352 Download
File Size   499.54 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator

MPC9352 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9352 Datasheet PDF - Renesas Technology Corp

Part # MPC9352
Download  MPC9352 Click to download

File Size   499.54 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator

MPC9352 Datasheet (HTML) - Renesas Technology Corp


MPC9352 Product details

The MPC9352 is a 3.3 V or 2.5 V compatible, 1:11 PLL based clock generator
targeted for high performance clock tree applications. With output frequencies up
to 200 MHz and output skews lower than 200 ps, the device meets the needs of
most demanding clock applications.
Features
• Configurable 11 Outputs LVCMOS PLL Clock Generator
• Fully Integrated PLL
• Wide Range of Output Clock Frequency of 16.67 MHz to 200 MHz
• Multiplication of the Input Reference Clock Frequency by 3, 2, 1, 3  2, 2  3,
1  3 and 1  2
• 2.5 V and 3.3 V LVCMOS Compatible
• Maximum Output Skew of 200 ps
• Supports Zero-Delay Applications
• Designed for High-Performance Telecom, Networking and Computing
Applications
• 32-Lead LQFP Package, Pb-Free
• Ambient Temperature Range –40°C to +85°C
• For functional replacement use 8T49N285




Similar Part No. - MPC9352

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
More results


Similar Description - MPC9352

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
MPC93R52 RENESAS-MPC93R52 Datasheet
336Kb / 14P
3.3 V 1:11 LVCMOS Zero Delay Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com