Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9352 Datasheet HTML 1Page - Renesas Technology Corp MPC9352 Datasheet HTML 2Page - Renesas Technology Corp MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
3.3V/2.5V 1:11 LVCMOS Zero Delay
Clock Generator
MPC9352
MPC9352 REVISION 8 MARCH 14, 2016
1
©2016 Integrated Device Technology, Inc.
The MPC9352 is a 3.3 V or 2.5 V compatible, 1:11 PLL based clock generator
targeted for high performance clock tree applications. With output frequencies up
to 200 MHz and output skews lower than 200 ps, the device meets the needs of
most demanding clock applications.
Features
•
Configurable 11 Outputs LVCMOS PLL Clock Generator
•
Fully Integrated PLL
•
Wide Range of Output Clock Frequency of 16.67 MHz to 200 MHz
•
Multiplication of the Input Reference Clock Frequency by 3, 2, 1, 3
 2, 2  3,
1
 3 and 1  2
•
2.5 V and 3.3 V LVCMOS Compatible
•
Maximum Output Skew of 200 ps
•
Supports Zero-Delay Applications
•
Designed for High-Performance Telecom, Networking and Computing
Applications
•
32-Lead LQFP Package, Pb-Free
•
Ambient Temperature Range –40°C to +85°C
•
For functional replacement use 8T49N285
The MPC9352 is a fully 3.3 V or 2.5 V compatible PLL clock generator and clock driver. The device has the capability to gen-
erate output clock signals of 16.67 to 200 MHz from external clock sources. The internal PLL is optimized for its frequency range
and does not require external lock filter components. One output of the MPC9352 has to be connected to the PLL feedback input
FB_IN to close the external PLL feedback path. The output divider of this output setting determines the PLL frequency multipli-
cation factor. This multiplication factor, F_RANGE, and the reference clock frequency must be selected to situate the VCO in its
specified lock range. The frequency of the clock outputs can be configured individually for all three output banks by the FSELx
pins supporting systems with different, but phase-aligned, clock frequencies.
The PLL of the MPC9352 minimizes the propagation delay, and therefore, supports zero-delay applications. All inputs and out-
puts are LVCMOS compatible. The outputs are optimized to drive parallel terminated 50
 transmission lines. Alternatively, each
output can drive up to two series terminated transmission lines giving the device an effective fanout of 22.
The device also supports output high-impedance disable and a PLL bypass mode for static system test and diagnosis. The
MPC9352 is packaged in a 32 ld LQFP.
MPC9352
LOW VOLTAGE
3.3 V/2.5 V LVCMOS 1:11
CLOCK GENERATOR
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9352

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
More results

Similar Description - MPC9352

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
MPC93R52 RENESAS-MPC93R52 Datasheet
336Kb / 14P
3.3 V 1:11 LVCMOS Zero Delay Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com