Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet (PDF) - Renesas Technology Corp

MPC93R52 Datasheet PDF - Renesas Technology Corp
Part # MPC93R52
Download  MPC93R52 Download
File Size   336.49 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:11 LVCMOS Zero Delay Clock Generator

MPC93R52 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC93R52 Datasheet PDF - Renesas Technology Corp

Part # MPC93R52
Download  MPC93R52 Click to download

File Size   336.49 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V 1:11 LVCMOS Zero Delay Clock Generator

MPC93R52 Datasheet (HTML) - Renesas Technology Corp


MPC93R52 Product details

The MPC93R52 is a 3.3V compatible, 1:11 PLL based clock generator
targeted for high performance clock tree applications. With output frequencies up
to 240MHz and output skews lower than 200ps, the device meets the needs of
most demanding clock applications.
Features
• Configurable 11 Outputs LVCMOS PLL Clock Generator
• Fully Integrated PLL
• Wide Range of Output Clock Frequency of 16.67MHz to 240MHz
• Multiplication of the Input Reference Clock Frequency by 3, 2, 1, 3  2, 2 3,
1  3, and 1  2
• 3.3 V LVCMOS Compatible
• Maximum Output Skew of 200ps
• Supports Zero-Delay Applications
• Designed for High-Performance Telecom, Networking and Computing
Applications
• 32-Lead LQFP Package
• 32-Lead Pb-free Package Available
• Ambient Temperature Range – 0°C to +70°C
• Pin and Function Compatible to the MPC952
• For functional replacement part use 8T49N285




Similar Part No. - MPC93R52

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
More results


Similar Description - MPC93R52

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Motorola, Inc
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com