Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC93R52
Description  3.3 V 1:11 LVCMOS Zero Delay Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R52 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC93R52 Datasheet HTML 1Page - Renesas Technology Corp MPC93R52 Datasheet HTML 2Page - Renesas Technology Corp MPC93R52 Datasheet HTML 3Page - Renesas Technology Corp MPC93R52 Datasheet HTML 4Page - Renesas Technology Corp MPC93R52 Datasheet HTML 5Page - Renesas Technology Corp MPC93R52 Datasheet HTML 6Page - Renesas Technology Corp MPC93R52 Datasheet HTML 7Page - Renesas Technology Corp MPC93R52 Datasheet HTML 8Page - Renesas Technology Corp MPC93R52 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
3.3 V 1:11 LVCMOS Zero Delay Clock
Generator
MPC93R52
MPC93R52 REVISION 6 3/14/16
1
©2016 Integrated Device Technology, Inc.
The MPC93R52 is a 3.3V compatible, 1:11 PLL based clock generator
targeted for high performance clock tree applications. With output frequencies up
to 240MHz and output skews lower than 200ps, the device meets the needs of
most demanding clock applications.
Features
•
Configurable 11 Outputs LVCMOS PLL Clock Generator
•
Fully Integrated PLL
•
Wide Range of Output Clock Frequency of 16.67MHz to 240MHz
•
Multiplication of the Input Reference Clock Frequency by 3, 2, 1, 3
 2, 2 3,
1
 3, and 1  2
•
3.3 V LVCMOS Compatible
•
Maximum Output Skew of 200ps
•
Supports Zero-Delay Applications
•
Designed for High-Performance Telecom, Networking and Computing
Applications
•
32-Lead LQFP Package
•
32-Lead Pb-free Package Available
•
Ambient Temperature Range – 0°C to +70°C
•
Pin and Function Compatible to the MPC952
•
For functional replacement part use 8T49N285
The MPC93R52 is a fully 3.3 V compatible PLL clock generator and clock driver. The device has the capability to generate
output clock signals of 16.67MHz to 240MHz from external clock sources. The internal PLL is optimized for its frequency range
and does not require external look filter components. One output of the MPC93R52 has to be connected to the PLL feedback
input FB_IN to close the external PLL feedback path. The output divider of this output setting determines the PLL frequency mul-
tiplication factor. This multiplication factor, F_RANGE and the reference clock frequency must be selected to situate the VCO in
its specified lock range. The frequency of the clock outputs can be configured individually for all three output banks by the FSELx
pins supporting systems with different but phase-aligned clock frequencies.
The PLL of the MPC93R52 minimizes the propagation delay and therefore supports zero-delay applications. All inputs and
outputs are LVCMOS compatible. The outputs are optimized to drive parallel terminated 50
 transmission lines. Alternatively,
each output can drive up to two series terminated transmission lines giving the device an effective fanout of 22.
The device also supports output high-impedance disable and a PLL bypass mode for static system test and diagnosis. The
MPC93R52 is packaged in a 32-lead LQFP.
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-03
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
MPC93R52
LOW VOLTAGE
3.3 V LVCMOS 1:11
CLOCK GENERATOR
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC93R52

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
More results

Similar Description - MPC93R52

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Motorola, Inc
MPC9352 MOTOROLA-MPC9352 Datasheet
379Kb / 16P
3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com