Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC93R52
Description  3.3 V 1:11 LVCMOS Zero Delay Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R52 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC93R52 Datasheet HTML 1Page - Renesas Technology Corp MPC93R52 Datasheet HTML 2Page - Renesas Technology Corp MPC93R52 Datasheet HTML 3Page - Renesas Technology Corp MPC93R52 Datasheet HTML 4Page - Renesas Technology Corp MPC93R52 Datasheet HTML 5Page - Renesas Technology Corp MPC93R52 Datasheet HTML 6Page - Renesas Technology Corp MPC93R52 Datasheet HTML 7Page - Renesas Technology Corp MPC93R52 Datasheet HTML 8Page - Renesas Technology Corp MPC93R52 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC93R52 REVISION 6 3/14/16
2
©2016 Integrated Device Technology, Inc.
MPC93R52 DATA SHEET
Figure 1. MPC93R52 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
PLL
6
4
2
0
1
0
1
0
1
0
1
0
1
2
CCLK
FB_IN
PLL_EN
F_RANGE
FSELA
FSELB
FSELC
MR/OE
QA0
QA1
QA2
QA3
QA4
QB0
QB1
QB2
QB3
QC0
QC1
Bank A
Bank B
Bank C
CCLK
VCO
Ref
FB
(All input resistors have a value of 25 k
)
Power-On Reset
200 - 480 MHz
VCC
QB2
QB3
GND
GND
QC0
QC1
VCC
QA2
QA1
GND
PLL_EN
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC93R52
VCC
VCCA
QA0
It is recommended to use an external RC filter for the analog power supply pin VCCA. Please see Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com