Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC93R52
Description  3.3 V 1:11 LVCMOS Zero Delay Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R52 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC93R52 Datasheet HTML 1Page - Renesas Technology Corp MPC93R52 Datasheet HTML 2Page - Renesas Technology Corp MPC93R52 Datasheet HTML 3Page - Renesas Technology Corp MPC93R52 Datasheet HTML 4Page - Renesas Technology Corp MPC93R52 Datasheet HTML 5Page - Renesas Technology Corp MPC93R52 Datasheet HTML 6Page - Renesas Technology Corp MPC93R52 Datasheet HTML 7Page - Renesas Technology Corp MPC93R52 Datasheet HTML 8Page - Renesas Technology Corp MPC93R52 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REVISION 6 3/14/16
5
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC93R52 DATA SHEET
Table 6. AC Characteristics (VCC = 3.3 V ± 5%, TA = 0° to 70°C)
(1)
1.
AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input reference frequency in PLL mode(2) (3)
4 feedback
6 feedback
8 feedback
12 feedback
Input reference frequency in PLL bypass mode(4)
2.
PLL mode requires PLL_EN=0 to enable the PLL and zero-delay operation.
3.
The PLL may be unstable with a divide by 2 feedback ratio.
4.
In PLL bypass mode, the MPC93R52 divides the input reference clock.
50.0
33.3
25.0
16.67
50.0
120.0
80.0
60.0
40.0
250.0
MHz
MHz
MHz
MHz
MHz
fVCO
VCO lock frequency range(5)
5.
The input frequency fref on CCLK must match the VCO frequency range divided by the feedback divider ratio FB: fref = fVCO  FB.
200
480
MHz
fMAX
Output Frequency
2 output(6)
4 output
6 output
8 output
12 output
6.
See Table 7 and Table 8 for output divider configurations.
100
50
33.3
25
16.67
240
120
80
60
40
MHz
MHz
MHz
MHz
MHz
tPWMIN
Minimum Reference Input Pulse Width
2.0
ns
tr, tf
CCLK Input Rise/Fall Time(7)
7.
The MPC93R52 will operate with input rise and fall times up to 3.0 ns, but the AC characteristics, specifically t(), can only be guaranteed
if tr/tf are within the specified range.
1.0
ns
0.8 to 2.0 V
t()
Propagation Delay CCLK to FB_IN
fref > 50 MHz
(static phase offset)
–100
+200
ps
PLL locked
tsk(O)
Output-to-output Skew(8)
all outputs, any frequency
within QA output bank
within QB output bank
within QC output bank
8.
See Applications Information section for part-to-part skew calculation.
150
100
100
50
ps
ps
ps
ps
DC
Output duty cycle
47
50
53
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tPLZ, HZ
Output Disable Time
8
ns
tPZL, LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-cycle jitter
output frequencies mixed
all outputs same frequency
400
100
ps
ps
tJIT(PER)
Period Jitter
output frequencies mixed
all outputs same frequency
450
100
ps
ps
tJIT()
I/O Phase Jitter(9)
4 feedback divider RMS (1 )
6 feedback divider RMS (1 )
8 feedback divider RMS (1 )
12 feedback divider RMS (1 )
9.
See Applications Information section for jitter calculation for other confidence factors with 1
.
40
50
60
80
ps
ps
ps
ps
BW
PLL closed loop bandwidth(10)
4 feedback
6 feedback
8 feedback
12 feedback
10.
–3 dB point of PLL transfer characteristics.
2.0 – 8.0
1.0 – 4.0
0.8 – 2.5
0.6 – 1.5
MHz
MHz
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com