Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC93R52
Description  3.3 V 1:11 LVCMOS Zero Delay Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R52 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC93R52 Datasheet HTML 2Page - Renesas Technology Corp MPC93R52 Datasheet HTML 3Page - Renesas Technology Corp MPC93R52 Datasheet HTML 4Page - Renesas Technology Corp MPC93R52 Datasheet HTML 5Page - Renesas Technology Corp MPC93R52 Datasheet HTML 6Page - Renesas Technology Corp MPC93R52 Datasheet HTML 7Page - Renesas Technology Corp MPC93R52 Datasheet HTML 8Page - Renesas Technology Corp MPC93R52 Datasheet HTML 9Page - Renesas Technology Corp MPC93R52 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC93R52 REVISION 6 3/14/16
6
©2016 Integrated Device Technology, Inc.
MPC93R52 DATA SHEET
APPLICATIONS INFORMATION
Programming the MPC93R52
The MPC93R52 supports output clock frequencies from
16.67 to 240 MHz. Different feedback and output divider
configurations can be used to achieve the desired input to
output frequency relationship. The feedback frequency and
divider should be used to situate the VCO in the frequency
lock range between 200 and 480 MHz for stable and optimal
operation. The FSELA, FSELB, FSELC pins select the
desired output clock frequencies. Possible frequency ratios
of the reference clock input to the outputs are 1:1, 1:2, 1:3,
3:2 as well as 2:3, 3:1, and 2:1. Table 7 and Table 8 illustrate
the various output configurations and frequency ratios
supported by the MPC93R52. See also Figure 3 to Figure 6
for further reference. A 2 output divider cannot be used for
feedback.
Table 7. MPC93R52 Example Configuration (F_RANGE = 0)
PLL Feedback fref(1) [MHz]
1.
fref is the input clock reference frequency (CCLK).
FSELA
FSELB
FSELC
QA[0:4]:fref ratio
QB[0:3]:fref ratio
QC[0:1]:fref ratio
VCO
 4(2)
2.
QAx connected to FB_IN and FSELA=0.
50–120
0
0
0
fref
(50-120 MHz)
fref
(50-120 MHz)
fref
 2 (100-240 MHz)
0
0
1
fref
(50-120 MHz)
fref
(50-120 MHz)
fref
(50-120 MHz)
1
0
0
fref
 23 (33-80 MHz) fref
(50-120 MHz)
fref
 2 (100-240 MHz)
1
0
1
fref
 23 (33-80 MHz) fref
(50-120 MHz)
fref
(50-120 MHz)
VCO
 6(3)
3.
QAx connected to FB_IN and FSELA=1.
33.3–80
1
0
0
fref
(33-80 MHz)
fref
 32 (50-120 MHz) fref  3 (100-240 MHz)
1
0
1
fref
(33-80 MHz)
fref
 32 (50-120 MHz) fref  32 (50-120 MHz)
1
1
0
fref
(33-80 MHz)
fref
 3 (100-240 MHz) fref  3 (100-240 MHz)
1
1
1
fref
(33-80 MHz)
fref
 3 (100-240 MHz) fref  32 (50-120 MHz)
Table 8. MPC93R52 Example Configurations (F_RANGE = 1)
PLL Feedback fref(1) [MHz]
1.
fref is the input clock reference frequency (CCLK).
FSELA
FSELB
FSELC
QA[0:4]:fref ratio
QB[0:3]:fref ratio
QC[0:1]:fref ratio
VCO
 8(2)
2.
QAx connected to FB_IN and FSELA=0.
25-60
0
0
0
fref
(25-60 MHz)
fref
(25-60 MHz)
fref
 2 (50-120 MHz)
0
0
1
fref
(25-60 MHz)
fref
(25-60 MHz)
fref
(25-60 MHz)
1
0
0
fref
 23 (16-40 MHz) fref
(25-60 MHz)
fref
 2 (50-120 MHz)
1
0
1
fref
 23 (16-40 MHz) fref
(25-60 MHz)
fref
(25-60 MHz)
VCO
 12(3)
3.
QAx connected to FB_IN and FSELA=1.
16.67–40
1
0
0
fref
(16-40 MHz)
fref
 32 (25-60 MHz) fref  3 (50-120 MHz)
1
0
1
fref
(16-40 MHz)
fref
 32 (25-60 MHz) fref  32 (25-60 MHz)
1
1
0
fref
(16-40 MHz)
fref
 3 (50-120 MHz)
fref
 3 (50-120 MHz)
1
1
1
fref
(16-40 MHz)
fref
 3 (50-120 MHz)
fref
 32 (25-60 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com