Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # MPC93R52
Description  3.3 V 1:11 LVCMOS Zero Delay Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC93R52 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button MPC93R52 Datasheet HTML 6Page - Renesas Technology Corp MPC93R52 Datasheet HTML 7Page - Renesas Technology Corp MPC93R52 Datasheet HTML 8Page - Renesas Technology Corp MPC93R52 Datasheet HTML 9Page - Renesas Technology Corp MPC93R52 Datasheet HTML 10Page - Renesas Technology Corp MPC93R52 Datasheet HTML 11Page - Renesas Technology Corp MPC93R52 Datasheet HTML 12Page - Renesas Technology Corp MPC93R52 Datasheet HTML 13Page - Renesas Technology Corp MPC93R52 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MPC93R52 REVISION 6 3/14/16
12
©2016 Integrated Device Technology, Inc.
MPC93R52 DATA SHEET
Revision History Sheet
Rev
Table
Page
Description of Change
Date
5
1
NRND – Not Recommend for New Designs
1/7/13
5
1
Deleted recommended replacement part
1/31/13
6
1
Removed NRND and updated data sheet format
3/18/15
6
1
Product Discontinuation Notice - Last time buy expires September 7, 2016.
PDN N-16-02
3/14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com