Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9352 Datasheet HTML 1Page - Renesas Technology Corp MPC9352 Datasheet HTML 2Page - Renesas Technology Corp MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
3
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK
Input
LVCMOS
PLL reference clock signal
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an output
F_RANGE
Input
LVCMOS
PLL frequency range select
FSELA
Input
LVCMOS
Frequency divider select for bank A outputs
FSELB
Input
LVCMOS
Frequency divider select for bank B outputs
FSELC
Input
LVCMOS
Frequency divider select for bank C outputs
PLL_EN
Input
LVCMOS
PLL enable/disable
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
QA0–4, QB0–3, QC0–1
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply
VCCA
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to
use an external RC filter for the analog power supply pin VCCA. Please
see Applications Information section for details.
VCC
Supply
VCC
Positive power supply for I/O and core
Table 2. Function Table
Control
Default
0
1
F_RANGE, FSELA, FSELB, and FSELC control the operating PLL frequency range and input/output frequency ratios.
See Table 9 and Table 10 for supported frequency ranges and output to input frequency ratios.
F_RANGE
0
VCO
 1 (High input frequency range)
VCO
 2 (Low input frequency range)
FSELA
0
Output divider
 4
Output divider
 6
FSELB
0
Output divider
 4
Output divider
 2
FSELC
0
Output divider
 2
Output divider
 4
MR/OE
0
Outputs enabled (active)
Outputs disabled (high-impedance state) and reset of
the device. During reset, the PLL feedback loop is
open and the VCO is operating at its lowest frequency.
The MPC9352 requires reset at power-up and after
any loss of PLL lock. Loss of PLL lock may occur when
the external feedback path is interrupted. The length of
the reset pulse should be greater than two reference
clock cycles (CCLK).
PLL_EN
0
Normal operation mode with PLL enabled.
Test mode with PLL disabled. CCLK is substituted for
the internal VCO output. MPC9352 is fully static and
no minimum frequency limit applies. All PLL related AC
characteristics are not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com