Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9352 Datasheet HTML 1Page - Renesas Technology Corp MPC9352 Datasheet HTML 2Page - Renesas Technology Corp MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
4
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 4. Absolute Maximum Ratings(1)
Symbol
Characteristics
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VIN
DC Input Voltage
–0.3
VCC + 0.3
V
VOUT
DC Output Voltage
–0.3
VCC + 0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
C
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated
conditions is not implied.
Table 5. DC Characteristics (VCC = 3.3 V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = -24 mA
(1)
1. The MPC9352 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output impedance
14 – 17
IIN
Input Current(2)
2. Inputs have pull-down resistors affecting the input current.
200
A
VIN = VCC or
VIN = GND
ICCA
Maximum PLL Supply Current
3.0
5.0
mA
VCCA Pin
ICCQ
(3)
3. ICCQ is the DC current consumption of the device with all outputs open in high impedance state and the inputs in its default state or open.
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com