Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9352 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9352
Description  3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9352 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9352 Datasheet HTML 1Page - Motorola, Inc MPC9352 Datasheet HTML 2Page - Motorola, Inc MPC9352 Datasheet HTML 3Page - Motorola, Inc MPC9352 Datasheet HTML 4Page - Motorola, Inc MPC9352 Datasheet HTML 5Page - Motorola, Inc MPC9352 Datasheet HTML 6Page - Motorola, Inc MPC9352 Datasheet HTML 7Page - Motorola, Inc MPC9352 Datasheet HTML 8Page - Motorola, Inc MPC9352 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC9352
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9352 Logic Diagram
VCC
QB2
QB3
GND
GND
QC0
QC1
VCC
QA2
QA1
GND
QA0
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9352
Figure 2. MPC9352 32–Lead Package Pinout (Top View)
VCC
PLL_EN
It is recommended to use an external RC filter for the analog power supply pin VCCA. Please see application section for details.
VCCA
PLL
÷6
÷4
÷2
0
1
0
1
0
1
0
1
0
1
÷2
CCLK
FB_IN
PLL_EN
F_RANGE
FSELA
FSELB
FSELC
MR/OE
QA0
QA1
QA2
QA3
QA4
QB0
QB1
QB2
QB3
QC0
QC1
Bank A
Bank B
Bank C
CCLK
VCO
Ref
FB
(all input resistors have a value of 25kW)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com