Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4545IMNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4545IMNTWG
Description  ecoSwitch Advanced Load Management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4545IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCP4545
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 4. On−Resistance vs. Input Voltage
VIN, INPUT VOLTAGE (V)
VCC = 3 V
VCC = 3.3 V
VCC = 4 V
VCC ≥ 4.5 V
VIN = 6 V
VIN = 5 V
VIN = 3.3 V
VIN = 1.8 V
VIN = 0.5 V
Figure 5. On−Resistance vs. Supply Voltage
VCC, SUPPLY VOLTAGE (V)
Figure 6. On−Resistance vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
VIN = 6 V
VCC = 3 V
VIN = 5 V
VCC = 3.3 V
VIN = 1.8 V
VCC = 5 V
Figure 7. Slew Rate vs. Input Voltage
4.5
4.75
5.0
5.25
5.5
5.75
6.0
6.25
6.5
6.75
7.0
7.25
7.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9.5
4.5
4.75
5.0
5.25
5.5
5.75
6.0
6.25
6.5
6.75
7.0
7.25
7.5
Figure 8. Slew Rate vs. Supply Voltage
Figure 9. Slew Rate vs. Temperature
VIN, INPUT VOLTAGE (V)
VCC = 3 V
VCC = 5.5 V
1
2
3
4
5
6
7
8
9
VIN = 6 V
VIN = 0.5 V
VCC, SUPPLY VOLTAGE (V)
1
2
3
4
5
6
7
8
9
TJ, JUNCTION TEMPERATURE (°C)
VCC = 3.3 V
VIN = 5 V
VCC = 5 V
VIN = 1.8 V
3
4
5
6
7
8
9
10
010
20
30
40
50
60
70
90
80
0.5
1
1.5
2
2.5
3
3.5
4
6
4.5
5
5.5
0.5
1
1.5
2
2.5
3
3.5
4
6
4.5
5
5.5
3
3.5
4
4.5
5
5.5
010
20
30
40
50
60
70
90
80
3
3.5
4
4.5
5
5.5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com