Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4545IMNTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4545IMNTWG
Description  ecoSwitch Advanced Load Management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4545IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 9Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCP4545
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 10. Turn−On Delay vs. Input Voltage
Figure 11. Turn−On Delay vs. Supply Voltage
Figure 12. Turn−On Delay vs. Temperature
Figure 13. Turn−Off Delay vs. Input Voltage
TJ, JUNCTION TEMPERATURE (°C)
500
600
700
800
900
1000
400
Figure 14. Turn−Off Delay vs. Supply Voltage
Figure 15. Turn−Off Delay vs. Temperature
VIN, INPUT VOLTAGE (V)
VCC = 3 V
VCC = 5.5 V
500
600
700
800
900
1000
1100
1200
400
VIN = 6 V
VIN = 0.5 V
VCC, SUPPLY VOLTAGE (V)
400
500
600
700
800
900
1000
1100
VCC = 3.3 V
VIN = 5 V
VCC = 5 V
VIN = 1.8 V
VIN, INPUT VOLTAGE (V)
VCC = 3 V
VCC = 5.5 V
0.5
1
1.5
2
2.5
3
VIN = 6 V
VIN = 0.5 V
VCC, SUPPLY VOLTAGE (V)
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
TJ, JUNCTION TEMPERATURE (°C)
0.5
0.75
1
1.25
1.5
1.75
2
2.25
VCC = 3.3 V
VIN = 5 V
VCC = 5 V
VIN = 1.8 V
0.5
1
1.5
2
2.5
3
3.5
4
6
4.5
5
5.5
3
3.5
4
4.5
5
5.5
0.5
1
1.5
2
2.5
3
3.5
4
6
4.5
5
5.5
3
3.5
4
4.5
5
5.5
010
20
30
40
50
60
70
90
80
010
20
30
40
50
60
70
90
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com