Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322CP-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # SSM6322CP-EBZ
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322CP-EBZ Datasheet(HTML) 3 Page - Analog Devices

  SSM6322CP-EBZ Datasheet HTML 1Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 2Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 3Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 4Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 5Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 6Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 7Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 8Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 3 of 20
SPECIFICATIONS
±5 V SUPPLY
TA = 25°C, reference voltage (VREF) = 0 V, feedback resistor (RF) = gain resistor (RG) = 1 kΩ (see Figure 38), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Gain Bandwidth
RIN1 = 1 kΩ, RIN2 = 1 kΩ (see Figure 38),
output voltage (VOUT) = 0.2 V p-p
25
MHz
Slew Rate
Gain = 1, VOUT = 2 V step
18
V/μs
Channel Separation
1 kHz to 10 kHz, input voltage (VIN) = 5 V p-p,
RL = 600 Ω, 32 Ω, 16 Ω
−140
dB
DISTORTION PERFORMANCE
THD + N
1 kHz, VOUT = 2 V rms, low-pass filter = 80 kHz,
RL = 600 Ω
−122
dB
1 kHz, VOUT =2 V rms, low-pass filter = 80 kHz,
RL = 32 Ω
−121
dB
1 kHz, VOUT = 1.6 V rms, low-pass filter =
80 kHz, RL = 16 Ω
−118
dB
Intermodulation Distortion (IMD)
SMPTE two-tone, 4:1 (60 Hz and 7 kHz),
gain = 1, VOUT = 2 V rms, RL = 600 Ω, 90 kHz
measurement bandwidth
−125
dB
CCIF two-tone (19 kHz and 20 kHz), gain = 1,
VOUT = 2 V rms, RL = 600 Ω, 90 kHz
measurement bandwidth
−131
dB
NOISE PERFORMANCE
A-Weight Output Noise
f = 10 Hz to 22 kHz
1.8
μV rms
Input Voltage Noise
f = 10 Hz
5.2
nV/√Hz
f = 100 kHz
3.6
nV/√Hz
Input Current Noise
f = 10 Hz
10
pA/√Hz
f = 100 kHz
1.2
pA/√Hz
DC PERFORMANCE
Output Offset Voltage
90
250
μV
Output Offset Voltage Drift
1.5
7.5
μV/°C
Input Bias Current
−2.4
−1.8
−1
μA
Input Offset Current
60
320
nA
Open-Loop Gain
VOUT = ±2.3 V, RL = 600 Ω
107
120
dB
INPUT CHARACTERISTICS
Input Capacitance
2
pF
Input Common-Mode Voltage Range
IDIFF = 3 mA
±1.5
V
Common-Mode Rejection
VCM = ±1 V
113
140
dB
VREF1/VREF2
Open Circuit Voltage
Referenced to ground
1.45
V
Output Current
15
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each Output
RL = 600 Ω
±3.3
±3.4
V
RL = 32 Ω
±2.8
±2.9
V
RL = 16 Ω
±2.0
±2.6
V
Output Current
RL = 16 Ω, rms voltage (VRMS) = 1.6 V,
THD + N= −118 dB
100
mA rms
Short-Circuit Current
RL = 10 Ω; source/sink
+240/−190
mA
Closed-Loop Output Impedance
10 Hz to 20 kHz
0.04
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com