Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322CP-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # SSM6322CP-EBZ
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322CP-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM6322CP-EBZ Datasheet HTML 4Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 5Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 6Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 7Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 8Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 9Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 10Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 11Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
10
0
–10
–20
–30
–40
–50
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±5V
VSD = 5V
AV = 1
RL = 600Ω
CL1 = OPEN
CL1 = 10pF
CL1 = 25pF
CL1 = 150pF
CL1 = 100pF
CL1 = 200pF
Figure 4. Frequency Response for Various Capacitive Loads, VSY = ±5 V
20
10
0
–10
–20
–30
–40
–50
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±3.3V
VSD = 3.3V
AV = 1
RL = 600Ω
CL1 = OPEN
CL1 = 10pF
CL1 = 25pF
CL1 = 150pF
CL1 = 100pF
CL1 = 200pF
Figure 5. Frequency Response for Various Capacitive Loads, VSY = ±3.3 V
120
100
80
60
40
20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±5V
VSD = 5V
PSRR+
PSRR–
Figure 6. PSRR vs. Frequency, VSY = ±5 V
120
100
80
60
40
20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±3.3V
VSD = 3.3V
PSRR+
PSRR–
Figure 7. PSRR vs. Frequency, VSY = ±3.3 V
–80
–90
–100
–120
–140
–160
–110
–130
–150
–170
–180
20
200
2k
20k
FREQUENCY (Hz)
VSY = ±5V
VIN = 5V p-p
80kHz LP FILTER
RL = OPEN
RL = 600Ω
RL = 32Ω
RL = 16Ω
Figure 8. Channel Separation vs. Frequency, VSY = ±5 V
–80
–90
–100
–120
–140
–160
–110
–130
–150
–170
–180
20
200
2k
20k
FREQUENCY (Hz)
VSY = ±3.3V
VIN = 1V p-p
80kHz LP FILTER
RL = OPEN
RL = 600Ω
RL = 32Ω
RL = 16Ω
Figure 9. Channel Separation vs. Frequency, VSY = ±3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com