Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322CP-EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # SSM6322CP-EBZ
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322CP-EBZ Datasheet(HTML) 2 Page - Analog Devices

  SSM6322CP-EBZ Datasheet HTML 1Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 2Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 3Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 4Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 5Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 6Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 7Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 8Page - Analog Devices SSM6322CP-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±5 V Supply ................................................................................... 3
 
±3.3 V Supply................................................................................ 4
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ..............................................8
 
Test Circuit ...................................................................................... 14
 
Theory of Operation ...................................................................... 15
 
Applications Information .............................................................. 16
 
Headphone Drivers in Mobile Phones .................................... 16
 
Common-Mode Control Circuit.............................................. 16
 
Capacitive Load Drive ............................................................... 17
 
SSM6322 in a Headphone Driver Application ....................... 18
 
Design Guidelines ...................................................................... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
3/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com