Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A Datasheet(PDF) 15 Page - Texas Instruments

Part # RI-RFM-006A
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A Datasheet(HTML) 15 Page - Texas Instruments

Back Button RI-RFM-006A Datasheet HTML 11Page - Texas Instruments RI-RFM-006A Datasheet HTML 12Page - Texas Instruments RI-RFM-006A Datasheet HTML 13Page - Texas Instruments RI-RFM-006A Datasheet HTML 14Page - Texas Instruments RI-RFM-006A Datasheet HTML 15Page - Texas Instruments RI-RFM-006A Datasheet HTML 16Page - Texas Instruments RI-RFM-006A Datasheet HTML 17Page - Texas Instruments RI-RFM-006A Datasheet HTML 18Page - Texas Instruments RI-RFM-006A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 14 of 19
! Typical Transmitter Circuit Configuration
This RF-module IC is provided with “TXHI” and “TXLO” terminals which can drive external MOSFETs
for driving the LC serial resonance antenna circuit. This resonance antenna circuit is to send 134.2-kHz
signals to the remote TIRIS transponder. Use these terminals as illustrated below.
In this circuit configuration, by selecting a value for R1 within a range of several hundred ohms and in
accordance with the characteristics of MOSFETs (T1 and T2) and introducing the selected value, the
through current which is consumed by the MOSFETs themselves during transmission can be reduced. If
the value for R1 is too high, the on-state resistances of T1 and T2 become very high and they will have
difficulty in driving the LC resonance circuit, leading to a possible reduction of available data
communication distance. Therefore, it is recommended that the value for R1 be defined after careful
evaluation of the characteristics of T1 and T2.
L1 and C1 in the LC resonance circuit may be mutually exchanged in position without giving significant
adverse effects to the operating performance of the circuit. However, the connection as is as illustrated
above is most preferable since it reduces potential influence of high-voltage transmission signals
produced at C1 on T1 and T2, thus a higher efficiency is gained.
RI45538NS
To receiving circuit
R1
7
TXLO
8
TXHI
LC resonance circuit
GND
VCC
134.2KHz
C1
L1
T1
T2
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com