Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A Datasheet(PDF) 17 Page - Texas Instruments

Part # RI-RFM-006A
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A Datasheet(HTML) 17 Page - Texas Instruments

Back Button RI-RFM-006A Datasheet HTML 12Page - Texas Instruments RI-RFM-006A Datasheet HTML 13Page - Texas Instruments RI-RFM-006A Datasheet HTML 14Page - Texas Instruments RI-RFM-006A Datasheet HTML 15Page - Texas Instruments RI-RFM-006A Datasheet HTML 16Page - Texas Instruments RI-RFM-006A Datasheet HTML 17Page - Texas Instruments RI-RFM-006A Datasheet HTML 18Page - Texas Instruments RI-RFM-006A Datasheet HTML 19Page - Texas Instruments RI-RFM-006A Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 16 of 19
! Typical Antenna Circuit Configuration
The antenna circuit consisting of L and C illustrated earlier in this manual (see the section describing
“Applied Circuit Configuration – Example”) is designed to work as an LC serial resonance circuit in
which impedance drops in the presence of resonance frequencies during sending operation, and as an LC
parallel resonance circuit in which impedance increases in the presence of resonance frequencies during
receiving operation. The relationship between L and C incorporated in the resonance circuit can be
defined according to the following expression. Each value is calculated using this expression:
f
LC
()
134. 2 KHz
=
1
2
π
The higher the Q value (quality factor) is, the higher transmission power the antenna L obtains and also
the higher the receiving gain becomes, thus allowing the system to have a greater available data
communication distance. If, however, at switch-over from power transmission mode to the receiving
mode, damping of the power transmission signal would not be completed before the remote TIRIS
transponder sends its ID code back to the IC, the signals sent from the transponder could not be received
properly. And the higher the Q value is, the longer the decay time of this power transmission signal will
be. It has been revealed by experimental testing that an antenna with its maximum Q value of around 30 is
usable in the circuit as is as illustrated in the “Applied Circuit Configuration – Example” section. If it is
desired to use an antenna having a higher Q value, some measures must be devised and added to this
circuit.
Additionally, the characteristics and efficiency of the resonance circuit used here greatly depend not only
on the antenna L but also on the capacitor C and the MOSFETs which drive them. Therefore, the
application of the lowest possible impedance at the frequency f(134.2 kHz) to them will permit a higher
transmission power, and as a result, it will allow the system to have a greater available data
communication distance with the remote transponder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com