Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A Datasheet(PDF) 16 Page - Texas Instruments

Part # RI-RFM-006A
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A Datasheet(HTML) 16 Page - Texas Instruments

Back Button RI-RFM-006A Datasheet HTML 12Page - Texas Instruments RI-RFM-006A Datasheet HTML 13Page - Texas Instruments RI-RFM-006A Datasheet HTML 14Page - Texas Instruments RI-RFM-006A Datasheet HTML 15Page - Texas Instruments RI-RFM-006A Datasheet HTML 16Page - Texas Instruments RI-RFM-006A Datasheet HTML 17Page - Texas Instruments RI-RFM-006A Datasheet HTML 18Page - Texas Instruments RI-RFM-006A Datasheet HTML 19Page - Texas Instruments RI-RFM-006A Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 15 of 19
! Typical Receiver Circuit Configuration
Three simple CMOS inverter type amplifiers are integrated in this RF-module IC in order to amplify the
FSK signals received from a remote TIRIS transponder up to a satisfactory logic level. The IC is
designed so as to permit their amplification factor and frequency characteristics to be selected within a
certain range by the use of appropriate external parts and/or circuits. A typical applied receiver circuit is
illustrated below.
In general, the FSK signals sent from a remote TIRIS transponder are found within a band of 120 kHz to
140 kHz, mainly due to dispersion of workmanship during manufacture and ambient temperature
fluctuation during transmitting operation. Therefore, by damping signals that fall out of the above band
range as much as possible, noise suppression performance can be improved. In the illustrated circuit
configuration, amplifier input coupling capacitors C2, C4 and C6 are used to reduce extremely
low-frequency noise signals, and amplifier output load capacitors C1, C3 and C5 to reduce
high-frequency noises. If you desire to enhance the noise resistance of the circuit still more, it is
necessary to install a required number of external wide band amplifiers with high amplification factor and
add an active band pass filter, LC resonance circuit, etc.
D1, D2 and R4 for input into the first amplifier (A1) form a circuit to prevent high-voltage signals for
power transmission and similar signals from entering the IC, thereby keeping from occurrence of
latch-up or other adverse situations. This circuit or otherwise, an equivalent protector, must be inserted
without fail.
1
2
3
4
5
6
To FSK signal demodulator
RI45538NS
R1
R2
R3
R4
C1
C2
C4
C5
A3OP
A3IN
A2OP
A2IN
A1OP
A1IN
From Antenna
C3
D2
D1
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com