Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN182245CSSMX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245CSSMX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245CSSMX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCAN182245CSSMX Datasheet HTML 1Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 2Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 3Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 4Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 5Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Description of BOUNDARY-SCAN Circuitry
The scan cells used in the BOUNDARY-SCAN register are
one of the following two types depending upon their loca-
tion Scan cell TYPE1 is intended to solely observe system
data while TYPE2 has the additional ability to control sys-
tem data (See IEEE Standard 11491
Figure 10-11 for a
further description of scan cell TYPE1 and
Figure 10-12 for
a further description of scan cell TYPE2)
Scan cell TYPE1 is located on each system input pin while
scan cell TYPE2 is located at each system output pin as
well as at each of the two internal active-high output enable
signals AOE controls the activity of the A-outputs while
BOE controls the activity of the B-outputs Each will activate
their respective outputs by loading a logic high
The BYPASS register is a single bit shift register stage iden-
tical to scan cell TYPE1 It captures a fixed logic low
Bypass Register Scan Chain Definition
Logic 0
TLF11657 – 17
SCAN182245A Product IDCODE
(32-Bit Code per IEEE 11491)
Version Entity
Part
Manufacturer Required by
Number
ID
11491
0000
111111 0000000000 00000001111
1
MSB
LSB
The INSTRUCTION register is an 8-bit register which cap-
tures the default value of 10000001 (SAMPLEPRELOAD)
during the CAPTURE-IR instruction command The benefit
of capturing SAMPLEPRELOAD as the default instruction
during CAPTURE-IR is that the user is no longer required to
shift in the 8-bit instruction for SAMPLEPRELOAD The se-
quence of CAPTURE-IR
x EXIT1-IR x UPDATE-IR
will update the SAMPLEPRELOAD instruction For more
information refer to the section on instruction definitions
Instruction Register Scan Chain Definition
TLF11657 – 10
MSB
x LSB
Instruction Code
Instruction
00000000
EXTEST
10000001
SAMPLEPRELOAD
10000010
CLAMP
00000011
HIGH-Z
01000001
SAMPLE-IN
01000010
SAMPLE-OUT
00100010
EXTEST-OUT
10101010
IDCODE
11111111
BYPASS
All Others
BYPASS
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com