Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN182245CSSMX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245CSSMX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245CSSMX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button SCAN182245CSSMX Datasheet HTML 5Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 9Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Description of BOUNDARY-SCAN Circuitry (Continued)
BOUNDARY-SCAN Register Definition Index
Bit No
Pin Name
Pin No
Pin Type
Scan Cell Type
79
DIR1
3
Input
TYPE1
Control
Signals
78
G1
54
Input
TYPE1
77
AOE1
Internal
TYPE2
76
BOE1
Internal
TYPE2
75
DIR2
26
Input
TYPE1
74
G2
31
Input
TYPE1
73
AOE2
Internal
TYPE2
72
BOE2
Internal
TYPE2
71
A10
55
Input
TYPE1
A1–in
70
A11
53
Input
TYPE1
69
A12
52
Input
TYPE1
68
A13
50
Input
TYPE1
67
A14
49
Input
TYPE1
66
A15
47
Input
TYPE1
65
A16
46
Input
TYPE1
64
A17
44
Input
TYPE1
63
A18
43
Input
TYPE1
62
A20
42
Input
TYPE1
A2–in
61
A21
41
Input
TYPE1
60
A22
39
Input
TYPE1
59
A23
38
Input
TYPE1
58
A24
36
Input
TYPE1
57
A25
35
Input
TYPE1
56
A26
33
Input
TYPE1
55
A27
32
Input
TYPE1
54
A28
30
Input
TYPE1
53
B10
2
Output
TYPE2
B1 – out
52
B11
4
Output
TYPE2
51
B12
5
Output
TYPE2
50
B13
7
Output
TYPE2
49
B14
8
Output
TYPE2
48
B15
10
Output
TYPE2
47
B16
11
Output
TYPE2
46
B17
13
Output
TYPE2
45
B18
14
Output
TYPE2
44
B20
15
Output
TYPE2
B2 – out
43
B21
16
Output
TYPE2
42
B22
18
Output
TYPE2
41
B23
19
Output
TYPE2
40
B24
21
Output
TYPE2
39
B25
22
Output
TYPE2
38
B26
24
Output
TYPE2
37
B27
25
Output
TYPE2
36
B28
27
Output
TYPE2
35
B10
2
Input
TYPE1
B1–in
34
B11
4
Input
TYPE1
33
B12
5
Input
TYPE1
32
B13
7
Input
TYPE1
31
B14
8
Input
TYPE1
30
B15
10
Input
TYPE1
29
B16
11
Input
TYPE1
28
B17
13
Input
TYPE1
27
B18
14
Input
TYPE1
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com