Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN182245CSSMX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245CSSMX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245CSSMX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button SCAN182245CSSMX Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 9Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 14Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 15Page - National Semiconductor (TI) SCAN182245CSSMX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
Ceramic
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
b
05V to a55V
in the HIGH State
b
05V to VCC
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
DC Latchup Source Current
Commercial
b
500 mA
Military
b
300 mA
Over Voltage Latchup (IO)
10V
ESD (HBM) Min
2000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
b
40 Cto a85 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
Minimum Input Edge Rate
(DV Dt)
Data Input
50 mVns
Enable Input
20 mVns
DC Electrical Characteristics
Symbol
Parameter
VCC
Min
Typ
Max
Units
Conditions
VIH
Input HIGH Voltage
20
V
Recognized HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
Min
b
12
V
IIN eb18 mA
VOH
Output HIGH Voltage
Min
25
V
IOH eb3mA
Mil
Min
20
V
IOH eb24 mA
Comm
Min
20
V
IOH eb32 mA
VOL
Output LOW Voltage
Mil
Min
08
V
IOL e 12 mA
Comm
Min
08
V
IOL e 15 mA
IIH
Input HIGH Current
All Others
Max
5
m
AVIN e 27V (Note 1)
Max
5
m
AVIN e VCC
TMS TDI
Max
5
m
AVIN e VCC
IBVI
Input HIGH Current
Max
7
m
A
VIN e 70V
Breakdown Test
IBVIT
Input HIGH Current
Max
100
m
A
VIN e 55V
Breakdown Test (IO)
IIL
Input LOW Current
All Others
Max
b
5
m
AVIN e 05V (Note 1)
Max
b
5
m
AVIN e 00V
TMS TDI
Max
b
385
m
AVIN e 00V
VID
Input Leakage Test
00
475
V
IID e 19 mA
All Other Pins Grounded
IIH a IOZH
Output Leakage Current
Max
50
m
AVOUT e 27V
IIL a IOZL
Output Leakage Current
Max
b
50
m
AVOUT e 05V
IOZH
Output Leakage Current
Max
50
m
AVOUT e 27V
IOZL
Output Leakage Current
Max
b
50
m
AVOUT e 05V
Note 1
Guaranteed not tested
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com