Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2200SQLT1G Datasheet HTML 2Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 3Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 4Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 5Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCS2200, NCS2200A, NCS2202, NCS2202A
www.onsemi.com
6
NCS2200A ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, unless otherwise
noted.) (Note 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHYS
Input Hysteresis
TA = 25°C
2.0
4.5
20
mV
VIO
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = TLOW to THIGH
−10
−12
0.5
−
+10
+12
mV
VCC = 3.0 V
TA = 25°C
TA = TLOW to THIGH
−6.0
−8.0
0.5
−
+6.0
+8.0
VCC = 6.0 V
TA = 25°C
TA = TLOW to THIGH
−5.0
−7.0
0.5
−
+5.0
+7.0
VCM
Common Mode Voltage Range
−
VEE to VCC
−
V
ISC
Output Short−Circuit Sourcing or
Sinking
Vout = GND
−
60
−
mA
CMRR
Common Mode Rejection Ratio
VCM = VCC
53
70
−
dB
IIB
Input Bias Current
−
1.0
−
pA
PSRR
Power Supply Rejection Ratio
DVS = 2.575 V
45
80
−
dB
ICC
Supply Current
VCC = 0.85 V
TA = 25°C
TA = TLOW to THIGH
−
7.5
−
15
17
mA
VCC = 3.0 V
TA = 25°C
TA = TLOW to THIGH
−
8.0
−
15
17
VCC = 6.0 V
TA = 25°C
TA = TLOW to THIGH
−
9.0
−
15
17
VOH
Output Voltage High
VCC = 0.85 V, Isource = 0.5 mA
TA = 25°C
TA = TLOW to THIGH
VCC − 0.25
VCC − 0.275
VCC − 0.10
−
−
V
VCC = 3.0 V, Isource = 3.0 mA
TA = 25°C
TA = TLOW to THIGH
VCC − 0.3
VCC − 0.35
VCC − 0.12
−
−
VCC = 6.0 V, Isource = 5.0 mA
TA = 25°C
TA = TLOW to THIGH
VCC − 0.3
VCC − 0.35
VCC − 0.12
−
−
VOL
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = TLOW to THIGH
−
VEE + 0.10
−
VEE + 0.25
VEE + 0.275
V
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = TLOW to THIGH
−
VEE + 0.12
−
VEE + 0.3
VEE + 0.35
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = TLOW to THIGH
−
VEE + 0.12
−
VEE + 0.3
VEE + 0.35
tPHL
Propagation Delay, High−to−Low
20 mV Overdrive, CL = 15 pF,
VCC = 2.85 V
−
625
−
ns
tPLH
Propagation Delay, Low−to−High
−
750
−
ns
tFALL
Output Fall Time
VCC = 6.0 V, CL = 50 pF (Note 9)
−
22
−
ns
tRISE
Output Rise Time
VCC = 6.0 V, CL = 50 pF (Note 9)
−
20
−
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. The limits over the extended temperature range are guaranteed by design only.
9. Input signal: 1 kHz, squarewave signal with 10 ns edge rate.
10. NCS2200A: TLOW = −40°C, THIGH = +105°C; NCV2200A: TLOW = −40°C, THIGH = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com