Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1G Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 14Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 15Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NCS2200, NCS2200A, NCS2202, NCS2202A
www.onsemi.com
12
VCC
OUT
IN (+)
IN (−)
VO
IN (+)
IN (−)
NCS
2200
R1
1 M
W
1 M
W
R2
100 pF
t0
R3
C1
VCC
t0
t1
0
The resistor divider R1 and R2 can be used to
set the magnitude of the input pulse. The pulse
width is set by adjusting C1 and R3.
Figure 19. One−Shot Multivibrator
VCC
OUT
IN (+)
IN (−)
NCS
2200
OUT
IN (+)
IN (−)
NCS
2202
+5 V
100 k
W
+3 V Logic Output
Figure 20. Logic Level Translator
100 mV
Figure 21. Zero−Crossing Detector
100 k
W
+3 V
R pullup
+5 V Logic Input
This circuit converts 5 V logic to 3 V logic. Using the
NCS2202/A allows for full 5 V logic swing without creating
overvoltage on the 3 V logic input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com