Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS2200SQLT1G Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCS2200, NCS2200A, NCS2202, NCS2202A
www.onsemi.com
10
1.0
1.0
4.0
−1.0
3.0
2.0
−3.0
Figure 13. NCS2200 Series Input Common
Mode Voltage Range versus Supply Voltage
3.0
VS, SUPPLY VOLTAGE (V)
−2.0
0
2.0
5.0
6.0
TA = 25°C
Figure 14. NCS2202 Output Leakage Current
versus Output Voltage
1.0
4.0
2.0
0
180
VOUT, OUTPUT VOLTAGE (V)
40
5.0
8.0
3.0
TA = 25°C
6.0
7.0
0
20
60
100
80
120
160
140
TA = −40°C
TA = 85°C
Figure 15. Input Bias Current versus
Temperature
TEMPERATURE (
°C)
4500
3500
2500
1500
500
−500
−40
−20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com