Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8774
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8774 Datasheet HTML 12Page - Monolithic Power Systems MP8774 Datasheet HTML 13Page - Monolithic Power Systems MP8774 Datasheet HTML 14Page - Monolithic Power Systems MP8774 Datasheet HTML 15Page - Monolithic Power Systems MP8774 Datasheet HTML 16Page - Monolithic Power Systems MP8774 Datasheet HTML 17Page - Monolithic Power Systems MP8774 Datasheet HTML 18Page - Monolithic Power Systems MP8774 Datasheet HTML 19Page - Monolithic Power Systems MP8774 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
16
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
during
heavy-load
conditions. The HS-FET turn-on frequency is a
function of the output current. As the output
current
increases,
the
current
modulator
regulation time period becomes shorter, and the
HS-FET turns on more frequently. The switching
frequency increases in turn. The output current
reaches the critical level when the current
modulator time is zero and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device reverts to PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
VCC Regulator
The 3.5V internal regulator power most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN exceeds 3.5V, the output of the regulator is
in full regulation. When VIN falls below 3.5V, the
output of the regulator decreases following VIN.
A 1
μF decoupling ceramic capacitor is needed
at VCC.
Enable (EN)
EN is a digital control pin that turns the
regulator on and off. Drive EN above 1.1V to
turn on the regulator. Drive EN below 1V to turn
off the regulator. When floating, EN is pulled
down to GND by an internal 3.3M
Ω resistor. EN
can be connected to VIN directly and supports a
17V input range.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8774 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The VCC UVLO rising threshold is about 2.7V,
while its falling threshold is 2.35V.
When the input voltage is higher than the UVLO
rising threshold voltage, the MP8774 powers
up. The MP8774 shuts off when the input
voltage is lower than the UVLO falling threshold
voltage. This is a non-latch protection.
Soft Start (SS)
The
MP8774
employs
a
soft
start
(SS)
mechanism to ensure smooth output ramping
during power-up. When EN goes high, an
internal current source (6
μA) charges up the SS
capacitor. The SS capacitor voltage takes over
VREF to the PWM comparator. The output
voltage ramps up smoothly with the SS voltage
(VSS). Once VSS rises above VREF, it continues to
ramp up until VREF takes over. At this point, the
soft start finishes, and the device enters steady-
state operation.
The SS capacitor value can be determined with
Equation (2):
 ss
ss
ss
REF
T (ms) I (uA)
C (nF)
0.83
V
(V)
(2)
If the SS cap is smaller than 4.7nF, an internal,
default, SS time (about 1.4ms) is active.
If the output capacitance is large, it is not
recommended to set the SS time too short;
otherwise, the current limit can be reached
easily during SS.
Power Good (PG) Indicator
PG is the open drain of a MOSFET that
connects to VCC or another voltage source
through a resistor (e.g.: 100k
Ω). The MOSFET
turns on with the application of an input voltage,
so PG is pulled to GND before SS is ready.
After VFB reaches 90% of VREF, PG is pulled
high after a 5
0μs delay. When VFB drops to 80%
of VREF, PG is pulled low.
When UVLO or over-temperature protection
(OTP) occurs, PG is pulled low immediately.
When an over-current (OC) condition occurs,
PG is pulled low when VFB drops below 80% of
VREF after a 0.05ms delay. When an over-
voltage (OV) condition occurs, PG is pulled low
when VFB rises above 120% of VREF after a
0.05ms delay. If VFB falls below 110% of VREF,
PG is pulled high after a 0.05ms delay.
If the input supply fails to power the MP8774,
PG is clamped low, even though PG is tied to
an external DC source through a pull-up
resistor. The relationship between the PG
voltage and the pull-up current is shown in
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com