Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8774
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8774 Datasheet HTML 15Page - Monolithic Power Systems MP8774 Datasheet HTML 16Page - Monolithic Power Systems MP8774 Datasheet HTML 17Page - Monolithic Power Systems MP8774 Datasheet HTML 18Page - Monolithic Power Systems MP8774 Datasheet HTML 19Page - Monolithic Power Systems MP8774 Datasheet HTML 20Page - Monolithic Power Systems MP8774 Datasheet HTML 21Page - Monolithic Power Systems MP8774 Datasheet HTML 22Page - Monolithic Power Systems MP8774 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
19
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The input voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
F
C
V
V
 
(8)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (9):
OUT
IN
SW
IN
I
1
V
4 F
C
 
(9)
Selecting the Output Capacitor
An output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors
are
recommended.
The
output
voltage ripple can be estimated with Equation
(10):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
F
L
V
8 F
C
 
(10)
In
the
case
of
ceramic
capacitors,
the
impedance
at
the
switching
frequency
is
dominated by the capacitance. The output
voltage
ripple
is
mainly
caused
by
the
capacitance.
For
simplification,
the
output
voltage ripple can be estimated with Equation
(11):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 F
L C
V
 
 
(11)
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (12):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
F
L
V
 
(12)
Besides considering the output ripple, choosing
a larger output capacitor can also result in a
better load transient response. Be sure to
consider
the
maximum
output
capacitor
limitation in the design application. If the output
capacitor value is too high, the output voltage
cannot reach the design value during the soft-
start time and fails to regulate.
The maximum output capacitor value (Co_max)
can be limited approximately with Equation (13):
O _ MAX
LIM _ AVG
OUT
ss
OUT
C
(I
I
) T / V
(13)
Where ILIM_AVG is the average start-up current
during the soft-start period, and Tss is the soft-
start time.
PCB Layout Guidelines
Efficient PCB layout of the switching power
supplies is critical for stable operation. A poor
layout design can result in poor line or load
regulation
and
stability
issues.
For
better
performance, it is recommended to use a four-
layer board (two middle layers are GND). For
best results, refer to Figure 8 and follow the
guidelines below.
1. Place the high-current paths (GND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place a VCC decoupling capacitor close to
the device.
4. Connect AGND and PGND at the point of
the VCC capacitor
’s ground connection.
5. Place the external feedback resistors next
to FB.
6. Keep the switching node (SW) short and
away from the feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com