Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8774 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8774
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8774 Datasheet HTML 2Page - Monolithic Power Systems MP8774 Datasheet HTML 3Page - Monolithic Power Systems MP8774 Datasheet HTML 4Page - Monolithic Power Systems MP8774 Datasheet HTML 5Page - Monolithic Power Systems MP8774 Datasheet HTML 6Page - Monolithic Power Systems MP8774 Datasheet HTML 7Page - Monolithic Power Systems MP8774 Datasheet HTML 8Page - Monolithic Power Systems MP8774 Datasheet HTML 9Page - Monolithic Power Systems MP8774 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
6
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1V, L = 0.56µH, TA = 25°C, unless otherwise noted.
Efficiency vs. Load Current
VOUT = 1V, L = 0.56
μH, DCR = 1.5mΩ
Efficiency vs. Load Current
VOUT = 1.2V, L = 0.56
μH, DCR = 1.5mΩ
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
Efficiency vs. Load Current
VOUT = 1.5V, L = 0.56
μH, DCR = 1.5mΩ
Efficiency vs. Load Current
VOUT = 1.8V, L = 0.82
μH, DCR = 0.9mΩ
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
Efficiency vs. Load Current
VOUT = 2.5V, L = 0.82
μH, DCR = 0.9mΩ
Efficiency vs. Load Current
VOUT = 3.3V, L = 1
μH, DCR = 1.35mΩ
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com